Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KF3N40W Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KF3N40W
Szczegółowy opis  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF3N40W Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KF3N40W Datasheet HTML 1Page - KEC(Korea Electronics) KF3N40W Datasheet HTML 2Page - KEC(Korea Electronics) KF3N40W Datasheet HTML 3Page - KEC(Korea Electronics) KF3N40W Datasheet HTML 4Page - KEC(Korea Electronics) KF3N40W Datasheet HTML 5Page - KEC(Korea Electronics) KF3N40W Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2010. 6. 16
1/6
SEMICONDUCTOR
TECHNICAL DATA
KF3N40W
N CHANNEL MOS FIELD
EFFECT TRANSISTOR
Revision No : 0
General Description
This planar stripe MOSFET has better characteristics, such as fast
switching time, low on resistance, low gate charge and excellent
avalanche characteristics. It is mainly suitable for LED Lighting and
switching mode power supplies.
FEATURES
・VDSS(Min.)= 400V, ID= 2A
・Drain-Source ON Resistance : RDS(ON)=3.4 Ω(max) @VGS =10V
・Qg(typ.) =4.4nC
MAXIMUM RATING (Tc=25
℃)
* : Drain current limited by maximum junction temperature.
** : Surface Mounted on FR4 Board 2 Inch
×2 Inch×1mm.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
@TC=25℃
ID
2*
A
@TC=100℃
1.2*
Pulsed (Note1)
IDP
6*
Single Pulsed Avalanche Energy
(Note 2)
EAS
52
mJ
Repetitive Avalanche Energy
(Note 1)
EAR
0.2
mJ
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
4.5
V/ns
Drain Power
Dissipation
TA=25℃
PD
2**
W
Derate above25
0.02
W/
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
Thermal Characteristics
Thermal Resistance, Junction-to-Case
RthJC
10.0
℃/W
Thermal Resistance, Junction-to-
Ambient
RthJA
62.5**
℃/W
PIN CONNECTION


Podobny numer części - KF3N40W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KF3N40W KEC-KF3N40W_15 Datasheet
689Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Podobny opis - KF3N40W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com