Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3498 Arkusz danych(PDF) 2 Page - Semicoa Semiconductor

Numer części 2N3498
Szczegółowy opis  Type 2N3498 Geometry 5620 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMICOA [Semicoa Semiconductor]
Strona internetowa  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3498 Arkusz danych(HTML) 2 Page - Semicoa Semiconductor

  2N3498 Datasheet HTML 1Page - Semicoa Semiconductor 2N3498 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N3498
Silicon NPN Transistor
Dat a Sheet
Copyright
© 2004
Semicoa
Rev. H.2
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 10 mA
100
Volts
Collector-Base Cutoff Current
ICBO1
ICBO2
ICBO3
VCB = 100 Volts
VCB = 50 Volts
VCB = 50 Volts, TA = 150°C
10
50
50
µA
nA
µA
Collector-Emitter Cutoff Current
ICEO
VCE = 80 Volts
1
µA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 6 Volts
VEB = 4 Volts
10
25
µA
nA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
hFE6
hFE7
IC = 0.1 mA, VCE = 10 Volts
IC = 1.0 mA, VCE = 10 Volts
IC = 10 mA, VCE = 10 Volts
IC = 150 mA, VCE = 10 Volts
IC = 500 mA, VCE = 10 Volts
IC = 150 mA, VCE = 10 Volts
TA = -55°C
20
25
35
40
15
22
120
Base-Emitter Saturation Voltage
VBEsat1
VBEsat3
IC = 10 mA, IB = 1 mA
IC = 300 mA, IB = 30 mA
0.8
1.4
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat3
IC = 10 mA, IB = 1 mA
IC = 300 mA, IB = 30 mA
0.2
0.6
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 20 Volts, IC = 20 mA,
f = 100 MHz
1.5
8
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 10 Volts, IC = 10 mA,
f = 1 kHz
35
300
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
10
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
80
pF
Noise Figure
NF1
NF2
VCE = 10 Volts, IC = 0.5 mA,
f = 1 kHz, Rg = 1 kΩ
VCE = 10 Volts, IC = 0.5 mA,
f = 10 kHz, Rg = 1 kΩ
16
6
dB
Switching Characteristics
Saturated Turn-On Time
tON
VEB = 5 Volts, IC = 150 mA,
IB1 = 15 mA
115
ns
Saturated Turn-Off Time
tOFF
IC = 150 mA, IB1=IB2=15 mA
1,150
ns


Podobny numer części - 2N3498

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N3498 SEMICOA-2N3498 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3498 CENTRAL-2N3498 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3498 SEMICOA-2N3498 Datasheet
110Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498 Datasheet
111Kb / 3P
   RADIATION HARDENED
More results

Podobny opis - 2N3498

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3499L SEMICOA-2N3499L Datasheet
45Kb / 2P
   Type 2N3499L Geometry 5620 Polarity NPN
2N3500L SEMICOA-2N3500L Datasheet
45Kb / 2P
   Type 2N3500L Geometry 5620 Polarity NPN
2N3499 SEMICOA-2N3499 Datasheet
46Kb / 2P
   Type 2N3499 Geometry 5620 Polarity NPN
2N3501L SEMICOA-2N3501L Datasheet
45Kb / 2P
   Type 2N3501L Geometry 5620 Polarity NPN
2C3501 SEMICOA-2C3501 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com