Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KIC3211TSN25A Arkusz danych(PDF) 5 Page - KEC(Korea Electronics)

Numer części KIC3211TSN25A
Szczegółowy opis  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN25A Arkusz danych(HTML) 5 Page - KEC(Korea Electronics)

  KIC3211TSN25A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN25A Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2010. 2. 10
5/10
KIC3211 Series
Revision No : 0
Electrical Characteristics
(VEN =VIN, Ta = 25℃)
Note 1) Dropout Voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential. For outputs below 2.5V, dropout voltage is the input-to-output voltage differential
with the minimum input voltage 2.6V
Note 2) Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load
current plus the ground pin current.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Input Voltage
1.7
-
6.0
V
VOUT
Output Voltage
VIN = Set VOUT + 1V
1mA ≤ IOUT ≤ 30mA
x 0.990
-
x 1.010
V
IOUT
Output Current
VIN - VOUT = 1.0V
150
-
-
mA
VD
Dropout Voltage (Note 1)
VOUT = 1.2~1.5
IOUT = 150mA
-
0.38
0.70
V
VOUT = 1.6~1.7
-
0.36
0.65
V
1.8 ≦ VOUT ≦ 2.0
-
0.32
0.55
V
2.1 ≦ VOUT ≦ 2.7
-
0.28
0.50
V
2.8 ≦ VOUT ≦ 4.0
-
0.22
0.35
V
IGND
Ground Pin Current (Note 2)
IOUT = 0mA
-
75
95
μA
IOUT = 150mA
-
100
150
μA
IQ
Quiescent Current
VIN = Set VOUT + 1V
VEN = GND (shutdown)
-
0.1
1
μA
VOUT /
VIN
Line Regulation
IOUT = 1mA
Set VOUT + 0.5V ≤ VIN ≤ 6.0V
-
0.02
0.10
% / V
VOUT /
IOUT
Load Regulation
VIN = Set VOUT + 1V
1mA ≤ IOUT ≤ 150mA
-
22
40
mV
RR
Ripple Rejection
f = 1kHz
Ripple 0.5V p-p
VIN -VOUT = 1.0V
-
70
-
dB
f = 10kHz
-
60
-
dB
VOUT /
T
Output Voltage
Temperature Coefficient
IOUT = 30mA
-40℃≤ TOPR ≤ 85℃
-
±100
-
ppm / ℃
ILIM
Short Current Limit
VOUT = 0V
-
50
-
mA
VNO
Output Noise Voltage
CIN = 1.0㎌, COUT = 1.0㎌
BW = 10Hz ~ 100kHz
-
30
-
μVrms
VEN (ON)
Output Control Voltage
(ON - State)
-
1.6
-
-
V
VEN (OFF)
Output Control Voltage
(OFF - State)
-
-
-
0.4
V


Podobny numer części - KIC3211TSN25A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

Podobny opis - KIC3211TSN25A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com