Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMC07N50E Arkusz danych(PDF) 2 Page - Fuji Electric

Numer części FMC07N50E
Szczegółowy opis  N-CHANNEL SILICON POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJI [Fuji Electric]
Strona internetowa  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FMC07N50E Arkusz danych(HTML) 2 Page - Fuji Electric

  FMC07N50E Datasheet HTML 1Page - Fuji Electric FMC07N50E Datasheet HTML 2Page - Fuji Electric FMC07N50E Datasheet HTML 3Page - Fuji Electric FMC07N50E Datasheet HTML 4Page - Fuji Electric FMC07N50E Datasheet HTML 5Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FMC07N50E
2
FUJI POWER MOSFET
0
4
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
4.5V
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80 µs pulse test,Tch=25 °C
10V
6V
5V
VGS=4.0V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
ID [A]
Typical Transconductance
gfs=f(ID):80 µs pulse test,VDS=25V,Tch=25 °C
0
1
2
3
4
5
6
7
8
9
10
10
-4
10
-3
10
-2
10
-1
10
0
10
1
VGS[V]
Typical Transfer Characteristic
ID=f(VGS):80 µs pulse test,VDS=25V,Tch=25 °C
0
4
8
12
16
20
24
0
3
6
9
12
15
18
VDS [V]
Typical Output Characteristics
ID=f(VDS):80 µs pulse test,Tch=25 °C
10V
5.0V
6.0V
4.5V
VGS=4.0V
10
-1
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
DC
t
PD
Power loss waveform :
Square waveform
t
PD
t
PD
Power loss waveform :
Square waveform
VDS [V]
Safe Operating Area
ID=f(VDS):Duty=0(Single pulse),Tc=25 °c
t=
1µs
10µs
1ms
100µs
0
25
50
75
100
125
150
0
20
40
60
80
100
120
Allowable Power Dissipation
PD=f(Tc)
Tc [°C]


Podobny numer części - FMC07N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FMC07N50E ISC-FMC07N50E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FMC07N50E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com