Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3764 Arkusz danych(PDF) 2 Page - Semicoa Semiconductor

Numer części 2N3764
Szczegółowy opis  Type 2N3764 Geometry 6706 Polarity PNP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMICOA [Semicoa Semiconductor]
Strona internetowa  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3764 Arkusz danych(HTML) 2 Page - Semicoa Semiconductor

  2N3764 Datasheet HTML 1Page - Semicoa Semiconductor 2N3764 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3764
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Emitter Cutoff Current
VEB = 2.0 V, VCE = 20 V
Collector-Emitter Cutoff Current
VEB = 2.0 V, VCE = 20 V, TA = 150
oC
Collector-Base Cutoff Current
VCB = 20 V
Emitter-Base Cutoff Current
VEB = 2.0 V
IEBO
---
200
nA
ICBO
---
100
nA
ICEX2
---
150
µA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
40
---
ICEX1
---
100
V(BR)CEO
40
---
V(BR)EBO
5.0
---
ON Characteristics
Symbol
Min
Max
Unit
Forward current Transfer Ratio
IC = 10 mA, VCE = 1.0 V
hFE1
35
---
---
IC = 150 mA, VCE = 1.0 V (pulse test)
hFE2
40
---
---
IC = 500 mA, VCE = 1.0 V (pulse test)
hFE3
40
140
---
IC = 1.0 A, VCE = 1.5 V (pulse test)
hFE4
30
120
---
IC = 1.5 A, VCE = 5.0 V (pulse test)
hFE5
30
---
---
IC = 500 mA, VCE = 1.0 V (pulsed), TA = -55
oC
hFE6
20
---
---
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1 mA (pulse test)
VCE(sat)1
---
0.1
V dc
IC = 150 mA, IC = 15 mA (pulse test)
VCE(sat)2
---
0.22
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)3
---
0.50
V dc
IC = 1.0 A, IC = 100 mA (pulse test)
VCE(sat)4
---
0.90
V dc
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1 mA
VBE(sat)1
---
0.8
V dc
IC = 150 mA, IB = 15 mA (pulse test)
VBE(sat)2
---
1.0
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)3
---
1.2
V dc
IC = 1.0 A, IB = 100 mA (pulse test)
VBE(sat)4
---
1.4
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Short Circuit
Forward Current Transfer Ratio
IC = 50 mA, VCE = 10 V, f = 100 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
CIBO
---
80
pF
pF
COBO
---
25
---
|hFE|
1.8
6.0
Switching Characteristics
Per Figure 1, MIL-S-19500/396D
Pulse Delay Time
td
---
8
ns
Pulse Rise Time
tr
---
35
ns
Pulse Storage Time
ts
---
80
ns
Pulse Fall Time
tf
---
35
ns
Symbol
Min
Max
Unit


Podobny numer części - 2N3764

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
2N3764 MICROSEMI-2N3764 Datasheet
70Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3764 CENTRAL-2N3764 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N3764 NJSEMI-2N3764 Datasheet
197Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
More results

Podobny opis - 2N3764

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semicoa Semiconductor
2N3468 SEMICOA-2N3468 Datasheet
79Kb / 2P
   Type 2N3468 Geometry 6706 Polarity PNP
2N3468L SEMICOA-2N3468L Datasheet
107Kb / 2P
   Type 2N3468L Geometry 6706 Polarity PNP
2N3762 SEMICOA-2N3762 Datasheet
86Kb / 2P
   Type 2N3762 Geometry 6706 Polarity PNP
2N3467 SEMICOA-2N3467 Datasheet
52Kb / 2P
   Type 2N3467 Geometry 6706 Polarity PNP
2N3467L SEMICOA-2N3467L Datasheet
83Kb / 2P
   Type 2N3467L Geometry 6706 Polarity PNP
2N3763L SEMICOA-2N3763L Datasheet
85Kb / 2P
   Type 2N3763L Geometry 6706 Polarity PNP
2N3762L SEMICOA-2N3762L Datasheet
92Kb / 2P
   Type 2N3762L Geometry 6706 Polarity PNP
2N3763 SEMICOA-2N3763 Datasheet
79Kb / 2P
   Type 2N3763 Geometry 6706 Polarity PNP
2N3765 SEMICOA-2N3765 Datasheet
88Kb / 2P
   Type 2N3765 Geometry 6706 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com