Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTA1046 Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KTA1046
Szczegółowy opis  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1046 Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KTA1046_11 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1046_11 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2011. 7. 13
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1046
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
INDUSTRIAL USE.
GENERAL PURPOSE APPLICATION.
FEATURES
・Low Collector Saturation Voltage
: VCE(sat)=-1.0V(Max.) at IC=-2A, IB=-0.2A.
・Complementary to KTC2026.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-3
A
Base Current
IB
-0.5
A
Collector Power
Dissipation
Ta=25
PC
2
W
Tc=25
20
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-60V, IE=0
-
-
-1
μA
Emitter Cut-off Current
IEBO
VEB=-7V, IC=0
-
-
-1
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-50mA, IB=0
-60
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=-5V, IC=-0.5A
100
-
300
hFE(2)
VCE=-5V, IC=-3A
20
-
-
Collector Emitter Saturation Voltage
VCE(sat)
IC=-2A, IB=-0.2A
-
-0.25
-1.0
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-0.5A
-
-0.7
-1.0
V
Transition Frequency
fT
VCE=-5V, IC=-0.5A
-
30
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
45
-
pF
Switching Time
Turn-on Time
ton
-
0.4
-
μS
Storage Time
tstg
-
1.7
-
Fall Time
tf
-
0.5
-
Note : hFE(1) Classification
Y:100
~200, GR:150~300


Podobny numer części - KTA1046_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KTA1046 KEXIN-KTA1046_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Podobny opis - KTA1046_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com