Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD-110A Arkusz danych(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Numer części PD-110A
Szczegółowy opis  110W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PD-110A Arkusz danych(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PD-110A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PD-110A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PD-110A
PD-110B
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
5V
CH1
12V
CH2
5V
CH1
24V
CH2
5A
6.5A
5A
3.5A
0.5~5A
0.5~6.5A
0.5~5A
0.5~3.5A
103W
109W
100mVp-p
150mVp-p
200mVp-p
100mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
6.0%
6.0%
2.0%
1.0%
1.0%
2.0%
2.0%
1.0%
1.0%
5.0%
5.0%
1200ms,50msatfullload
80msatfullload
100~264VAC141~370VDC(90~100VAC90%loadmax.)
47~63Hz
75%
78%
3A/115VAC1.5A/230VAC
COLDSTART 40A
<1mA /240VAC
105%~135% ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-10~+50
,60
(Refertooutputloadderatingcurve)
withcoolingfan
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
323Khrsmin.MIL-HDBK-217F(25
)
177.8*107.95*46mm(L*W*H)
0.51Kg;24pcs/13.1Kg/1.19CUFT
FileName:PD-110-SPEC2011-03-31
CH1:5.75~6.75VDC
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,11;ENV50204,
Features :
P D - 11 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Heat Sink HS1,HS2 can not be shorted.
For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
With power good signal output(Optional)
100% full load burn-in test
Fixed switching frequency at 45KHz
2 years warranty
OUTPUTNUMBER
110WDualOutputSwitchingPowerSupply


Podobny numer części - PD-110A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
PD-110A ASTRODYNE-PD-110A Datasheet
829Kb / 5P
   100W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-110A MEANWELL-PD-110A Datasheet
291Kb / 2P
   110W Dual Output Switching Power Supply
logo
Tumbler Technologies + ...
PD-110A TRUMPOWER-PD-110A Datasheet
43Kb / 1P
   100W Switching Power Supplies
logo
Mean Well Enterprises C...
PD-110A MEANWELL-PD-110A Datasheet
293Kb / 2P
   PD-110_12
logo
Astrodyne Corporation
PD-110A ASTRODYNE-PD-110A Datasheet
355Kb / 4P
   110W Dual Output Switching Power Supply
More results

Podobny opis - PD-110A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
PD110 ASTRODYNE-PD110 Datasheet
355Kb / 4P
   110W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-110 MEANWELL-PD-110 Datasheet
291Kb / 2P
   110W Dual Output Switching Power Supply
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
VD-120A CUI-VD-120A Datasheet
132Kb / 2P
   dual output switching power supply
VSBU-120-D CUI-VSBU-120-D Datasheet
212Kb / 3P
   Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD25 ASTRODYNE-PD25 Datasheet
600Kb / 4P
   25W Dual Output Switching Power Supply
PD45 ASTRODYNE-PD45 Datasheet
331Kb / 4P
   45W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
   65W Dual Output Switching Power Supply
RD-85 TOTAL-POWER-RD-85 Datasheet
459Kb / 2P
   85W Dual Output Switching Power Supply
RID-85 TOTAL-POWER-RID-85 Datasheet
471Kb / 2P
   85W Dual Output Switching Power Supply
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com