Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3484IRKDR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC3484IRKDR
Szczegółowy opis  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484IRKDR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button DAC3484IRKDR Datasheet HTML 6Page - Texas Instruments DAC3484IRKDR Datasheet HTML 7Page - Texas Instruments DAC3484IRKDR Datasheet HTML 8Page - Texas Instruments DAC3484IRKDR Datasheet HTML 9Page - Texas Instruments DAC3484IRKDR Datasheet HTML 10Page - Texas Instruments DAC3484IRKDR Datasheet HTML 11Page - Texas Instruments DAC3484IRKDR Datasheet HTML 12Page - Texas Instruments DAC3484IRKDR Datasheet HTML 13Page - Texas Instruments DAC3484IRKDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
DAC3484
SLAS749A
– MARCH 2011 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
– DIGITAL SPECIFICATIONS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT TIMING SPECIFICATIONS
Timing LVDS inputs: D[15:0]P/N, FRAMEP/N, SYNCP/N, PARITYP/N, double edge latching
Config36 Setting
0
0
150
0
1
100
0
2
50
0
3
0
0
4
–50
0
5
–100
FRAMEP/N reset and frame indicator latched on
Setup time, D[15:0]P/N,
0
6
–150
rising edge of DATACLKP/N.
FRAMEP/N, SYNCP/N and
ts(DATA)
ps
PARITYP/N, valid to either
FRAMEP/N parity bit latched on falling edge of
0
7
–200
edge of DATACLKP/N
DATACLKP/N.
1
0
200
2
0
250
3
0
300
4
0
350
5
0
400
6
0
450
7
0
500
Config36 Setting
0
0
350
0
1
400
0
2
450
0
3
500
0
4
550
0
5
600
FRAMEP/N reset and frame indicator latched on
Hold time, D[15:0]P/N,
0
6
650
rising edge of DATACLKP/N.
FRAMEP/N, SYNCP/N and
th(DATA)
ps
PARITYP/N, valid after
FRAMEP/N parity bit latched on falling edge of
0
7
700
either edge of DATACLKP/N
DATACLKP/N.
1
0
300
2
0
250
3
0
200
4
0
150
5
0
100
6
0
50
7
0
0
FRAMEP/N and SYNCP/N
t(FRAME_SYNC)
fDATACLK is DATACLK frequency in MHz
1/2fDATACLK
ns
pulse width
TIMING OUTPUT STROBE INPUT: DACCLKP/N rising edge LATCHING(3)
Setup time, OSTRP/N valid
ts(OSTR)
to rising edge of
0
ps
DACCLKP/N
Hold time, OSTRP/N valid
th(OSTR)
after rising edge of
300
ps
DACCLKP/N
(3)
OSTR is required in Dual Sync Sources mode. In order to minimize the skew it is recommended to use the same clock distribution
device such as Texas Instruments CDCE62005 to provide the DACCLK and OSTR signals to all the DAC3484 devices in the system.
Swap the polarity of the DACCLK outputs with respect to the OSTR ones to establish proper phase relationship.
10
Copyright
© 2011, Texas Instruments Incorporated


Podobny numer części - DAC3484IRKDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

Podobny opis - DAC3484IRKDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com