Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCDA12C-8 Arkusz danych(PDF) 4 Page - Semtech Corporation

Numer części LCDA12C-8
Szczegółowy opis  Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA12C-8 Arkusz danych(HTML) 4 Page - Semtech Corporation

  LCDA12C-8 Datasheet HTML 1Page - Semtech Corporation LCDA12C-8 Datasheet HTML 2Page - Semtech Corporation LCDA12C-8 Datasheet HTML 3Page - Semtech Corporation LCDA12C-8 Datasheet HTML 4Page - Semtech Corporation LCDA12C-8 Datasheet HTML 5Page - Semtech Corporation LCDA12C-8 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LCDA12C-8 & LCDA15C-8
Device Connection Options for Protection of Eight
High-Speed Data Lines
The LCDAxxC-8 may be configured to protect up to
eight I/O lines operating between 5 and 15V. It may be
used to protect the most popular serial data interface
standard lines making it ideal for use in equipment
utilizing multi-mode transceivers. The LCDAxxC-8 is
symmetrical so the data lines may be connected at
pins 1-8 or 9-16. Pins 9-16 or 1-8 are connected to
ground as shown. For best results, these pins should
be connected directly to a ground plane on the board.
The path length should be kept as short as possible to
minimize parasitic inductance.
Multi-Mode Transceiver Protection
The LCDAxxC-8 may be used to protect multi-mode
transceiver I/O lines with external connections. The
LCDAxxC-8 adds a maximum loading capacitance of
15pF with a working voltage of 12V or 15V. This allows
the transceiver to safely operate in all modes without
clipping or degradation of the signal.
With proper design and layout, the transceiver port can
be protected to >15kV (HBM per IEC 61000-4-2).
Circuit Board Layout Recommendations for Suppres-
sion of ESD.
Good circuit board layout is critical for the suppression
of fast rise-time transients such as ESD. The following
guidelines are recommended:
l
Place the LCDAxxC-8 near the input terminals or
connectors to restrict transient coupling.
l
Minimize the path length between the LCDAxxC-8
and the protected line.
l
Minimize all conductive loops including power and
ground loops.
l
The ESD transient return path to ground should be
kept as short as possible.
l
Never run critical signals near board edges.
l
Use ground planes whenever possible.
Device Connection
Applications Information


Podobny numer części - LCDA12C-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LCDA12C-8 SEMTECH-LCDA12C-8 Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
logo
Socay Electornics Co., ...
LCDA12C-8 SOCAY-LCDA12C-8 Datasheet
271Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
UN Semiconducctor INC
LCDA12C-8 UNSEMI-LCDA12C-8 Datasheet
2Mb / 4P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Semtech Corporation
LCDA12C-8.T SEMTECH-LCDA12C-8.T Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
More results

Podobny opis - LCDA12C-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
LCDA12C-8 SEMTECH-LCDA12C-8_05 Datasheet
171Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transceiver Protection
LCDA15C-6 SEMTECH-LCDA15C-6 Datasheet
195Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Transciever Protection?
LCDA15C-6 SEMTECH-LCDA15C-6_06 Datasheet
177Kb / 6P
   Low Capacitance TVS Diode Array For Multi-mode Tranciever Protection
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ESDA0905CT6 LEIDITECH-ESDA0905CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6