Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1018 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1018
Szczegółowy opis  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018 Arkusz danych(HTML) 3 Page - Texas Instruments

  ADS1018 Datasheet HTML 1Page - Texas Instruments ADS1018 Datasheet HTML 2Page - Texas Instruments ADS1018 Datasheet HTML 3Page - Texas Instruments ADS1018 Datasheet HTML 4Page - Texas Instruments ADS1018 Datasheet HTML 5Page - Texas Instruments ADS1018 Datasheet HTML 6Page - Texas Instruments ADS1018 Datasheet HTML 7Page - Texas Instruments ADS1018 Datasheet HTML 8Page - Texas Instruments ADS1018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ADS1118
www.ti.com
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
ELECTRICAL CHARACTERISTICS
Maximum/minimum specifications at
–40°C to +125°C, VDD = 3.3V, data rate = 8SPS, and full-scale (FS) = ±2.048V, unless
otherwise noted. Typical values are at +25
°C, VDD = 3.3V, data rate = 8SPS, and full-scale (FS) = ±2.048V, unless otherwise
noted.
ADS1118
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
VIN = (AINP) – (AINN)
±4.096/PGA
V
Analog input voltage
AINP or AINN to GND
GND
VDD
V
Differential input impedance
See Table 1
FS =
±6.144V(1)
8
M
FS =
±4.096V(1), ±2.048V
6
M
Common-mode input impedance
FS =
±1.024V
3
M
FS =
±0.512V, ±0.256V
100
M
SYSTEM PERFORMANCE
Resolution
No missing codes
16
Bits
Data rate (DR)
8, 16, 32, 64, 128, 250, 475, 860
SPS
Data rate variation
All data rates
–10
10
%
Output noise
See Typical Characteristics
Integral nonlinearity
DR = 8SPS, FS =
±2.048V, best fit(2)
1
LSB
FS =
±2.048V, differential inputs
±0.1
±2
LSB
Offset error
FS =
±2.048V, single-ended inputs
±0.25
LSB
Offset drift
FS =
±2.048V
0.002
LSB/
°C
Offset power-supply rejection
FS =
±2.048V, with dc supply variation
0.2
LSB/V
Gain error(3)
FS =
±2.048V at +25°C
0.01
0.15
%
FS =
±0.256V
7
ppm/
°C
Gain drift(3)(4)
FS =
±2.048V
5
40
ppm/
°C
FS =
±6.144V(1)
5
ppm/
°C
Gain power-supply rejection
10
ppm/V
PGA gain match(3)
Match between any two PGA gains
0.01
0.1
%
Gain match
Match between any two inputs
0.01
0.1
%
Offset match
Match between any two inputs
0.6
LSB
At dc and FS =
±0.256V
105
dB
At dc and FS =
±2.048V
100
dB
Common-mode rejection
At dc and FS =
±6.144V(1)
90
dB
fCM = 60Hz, DR = 860SPS
105
dB
fCM = 50Hz, DR = 860SPS
105
dB
TEMPERATURE SENSOR
Temperature sensor range
–40
+125
°C
Temperature sensor resolution
0.03125
°C/LSB
0
°C to +70°C
0.2
±0.5
°C
Temperature sensor accuracy
–40°C to +125°C
0.4
±1
°C
vs supply
0.03125
±0.25
°C/V
(1)
This parameter expresses the full-scale range of the ADC scaling. In no event should more than the smaller of VDD + 0.3V or 5.5V be
applied to this device.
(2)
Best fit INL covers 99% of full-scale.
(3)
Includes all errors from onboard PGA and reference.
(4)
Not production tested; ensured by characterization.
Copyright
© 2010–2011, Texas Instruments Incorporated
3


Podobny numer części - ADS1018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1018 TI1-ADS1018 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1018 TI-ADS1018 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018-Q1 TI1-ADS1018-Q1 Datasheet
522Kb / 36P
[Old version datasheet]   Analog-to-Digital Converter
ADS1018-Q1 TI-ADS1018-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Podobny opis - ADS1018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com