Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1018 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1018
Szczegółowy opis  Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1018 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1018 Datasheet HTML 6Page - Texas Instruments ADS1018 Datasheet HTML 7Page - Texas Instruments ADS1018 Datasheet HTML 8Page - Texas Instruments ADS1018 Datasheet HTML 9Page - Texas Instruments ADS1018 Datasheet HTML 10Page - Texas Instruments ADS1018 Datasheet HTML 11Page - Texas Instruments ADS1018 Datasheet HTML 12Page - Texas Instruments ADS1018 Datasheet HTML 13Page - Texas Instruments ADS1018 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
−40
−20
0
20
40
60
80
100
120
140
Temperature (°C)
FS = ±0.256V
FS = ±0.512V
FS = ±1.024V
FS = ±2.048V
FS = ±4.096V
FS = ±6.144V
G008
0.15
0.10
0.05
0
0.05
0.10
0.15
-
-
-
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SupplyVoltage(V)
FS= 256mV
±
FS= 2.048V
±
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
Average Temperature Error
Average ± 3 sigma
Average ± 6 sigma
G023
0
50
100
150
200
Gain Error (%)
540 units from 3 production lots
FS = ±2.048V
G000
0
5
10
15
20
25
30
35
40
Temperature Error (°C)
Ambient temperature = −40°C
48 units from 3 production lots
G040
0
5
10
15
20
25
30
35
40
Temperature Error (°C)
Ambient temperature = 0°C
48 units from 3 production lots
G040
ADS1118
SBAS457A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD = 3.3V, unless otherwise noted.
GAIN ERROR vs TEMPERATURE
GAIN ERROR vs SUPPLY
Figure 20.
Figure 21.
TEMPERATURE SENSOR ERROR
vs
GAIN ERROR HISTOGRAM
AMBIENT TEMPERATURE
Figure 22.
Figure 23.
TEMPERATURE SENSOR ERROR HISTOGRAM
TEMPERATURE SENSOR ERROR HISTOGRAM
Figure 24.
Figure 25.
10
Copyright
© 2010–2011, Texas Instruments Incorporated


Podobny numer części - ADS1018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1018 TI1-ADS1018 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1018 TI-ADS1018 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018-Q1 TI1-ADS1018-Q1 Datasheet
522Kb / 36P
[Old version datasheet]   Analog-to-Digital Converter
ADS1018-Q1 TI-ADS1018-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results

Podobny opis - ADS1018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1118 TI-ADS1118_13 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com