Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-100D-5 Arkusz danych(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Numer części SD-100D-5
Szczegółowy opis  100W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MEANWELL [Mean Well Enterprises Co., Ltd.]
Strona internetowa  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-100D-5 Arkusz danych(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SD-100D-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-100D-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(SD-100D-24V)
FileName:SD-100-SPEC2010-10-18
CaseNo.902Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)
55
60
65
70
75
80
90
100
110
120
130
350
32
300
28
250
24
200
20
150
16
100
12
50
8
Ta=25
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
SD-100C,D-5,12
SD-100B-5,12,24
SD-100C,D-24
3.5
197
6.5
190
22
157
4.5
7
6
5
4
3
2
1
120
199
57.5
4-
M
3
3-M
3
TerminalPinNo. Assignment
SD-100B,C
SD-100D
PinNo.
PinNo.
PinNo.
PinNo.
1,2
1
1,2
4,5
3
2
6,7
Assignment
Assignment
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
INPUT
DCINPUT V+
AC/DCINPUT
DCINPUT V-
BlockDiagram
fosc:83KHz
CIRCUIT
DETECTION
O.L.P.
O.V.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
PWM
100WSingleOutputDC-DCConverter
S D - 1 0 0 series


Podobny numer części - SD-100D-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SD-100D-5 ASTRODYNE-SD-100D-5 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100D-5 MEANWELL-SD-100D-5 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
SD-100D-5 MEANWELL-SD-100D-5 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100D-5 ASTRODYNE-SD-100D-5 Datasheet
672Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100D-5 MEANWELL-SD-100D-5 Datasheet
570Kb / 3P
   100W Single Output DC-DC Converter
More results

Podobny opis - SD-100D-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_11 Datasheet
375Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-100 ASTRODYNE-SD-100 Datasheet
202Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100 Datasheet
374Kb / 2P
   100W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD100 ASTRODYNE-SD100 Datasheet
672Kb / 2P
   100W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-100 MEANWELL-SD-100_V01 Datasheet
570Kb / 3P
   100W Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100_12 Datasheet
282Kb / 2P
   100W Railway Single Output DC-DC Converter
RSD-100 MEANWELL-RSD-100 Datasheet
259Kb / 2P
   100W Railway Single Output DC-DC Converter
MHB100 MEANWELL-MHB100 Datasheet
842Kb / 6P
   100W DC-DC Half-Brick Regulated Single Output Converter
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
SP48S48-100 WALL-SP48S48-100 Datasheet
244Kb / 7P
   100W DC-DC Converter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com