Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2306 Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części UC2306
Szczegółowy opis  MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2306 Arkusz danych(HTML) 1 Page - Unisonic Technologies

  UC2306 Datasheet HTML 1Page - Unisonic Technologies UC2306 Datasheet HTML 2Page - Unisonic Technologies UC2306 Datasheet HTML 3Page - Unisonic Technologies UC2306 Datasheet HTML 4Page - Unisonic Technologies UC2306 Datasheet HTML 5Page - Unisonic Technologies UC2306 Datasheet HTML 6Page - Unisonic Technologies UC2306 Datasheet HTML 7Page - Unisonic Technologies UC2306 Datasheet HTML 8Page - Unisonic Technologies UC2306 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC2306
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 12
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R103-029,B
MICROPOWER DC/DC
CONVERTERS WITH
LOW-BATTERY DETECTOR
ACTIVE IN SHUTDOWN
DESCRIPTION
The UTC UC2306 is a step-up DC/DC converter which
operate from a wide input supply range of 1.5V to 8V. Its
peak switch current can be reduced by adding a single
resistor at the ILIM pin. It is an ideal for use in small, low
voltage, battery-operated systems.
FEATURES
*In shutdown mode:10μA quiescent current.
*Low battery detector active
*Minimum Operating Voltage: 1.5V
*Very Low VCESAT: 370mV@1A (typ).
*In active mode :120μA quiescent current.
*Only by one resistor: peak current is programmable.
DIP-8
SOP-8
*Pb-free plating product number: UC2306L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
UC2306-xx-D08-T
UC2306L-xx-D08-T
DIP-8
Tube
UC2306-xx-S08-R
UC2306L-xx-S08-R
SOP-8
Tape Reel
UC2306-xx-S08-T
UC2306L-xx-S08-T
SOP-8
Tube


Podobny numer części - UC2306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results

Podobny opis - UC2306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com