Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2306L-XX-S08-T Arkusz danych(PDF) 10 Page - Unisonic Technologies

Numer części UC2306L-XX-S08-T
Szczegółowy opis  MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC2306L-XX-S08-T Arkusz danych(HTML) 10 Page - Unisonic Technologies

Back Button UC2306L-XX-S08-T Datasheet HTML 4Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 5Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 6Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 7Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 8Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 9Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 10Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 11Page - Unisonic Technologies UC2306L-XX-S08-T Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
UC2306
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 12
www.unisonic.com.tw
QW-R103-029,B
TYPICAL CHARACTERISTICS
90
Load Current (m)
Super Burst Efficiency
0.1
1.0
10
100
VIN=3V
0.01
80
70
60
50
40
VIN=2V
1
10
100
300
65
70
75
5V to 12V Converter Efficiency
Load Current(mA)
80
85
90


Podobny numer części - UC2306L-XX-S08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
More results

Podobny opis - UC2306L-XX-S08-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LT1304 UTC-LT1304 Datasheet
267Kb / 19P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR ACTIVE IN SHUTDOWN
logo
Linear Technology
LT1304 LINER-LT1304_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-5 LINER-LT1304-5_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304-3.3 LINER-LT1304-3.3_15 Datasheet
309Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1304 LINER-LT1304 Datasheet
345Kb / 16P
   Micropower DC/DC Converters with Low-Battery Detector Active in Shutdown
LT1305 LINER-LT1305_15 Datasheet
224Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1305 LINER-LT1305 Datasheet
236Kb / 8P
   Micropower High Power DC/DC Converter with Low-Battery Detector
LT1303 LINER-LT1303_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303-5 LINER-LT1303-5_15 Datasheet
259Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
LT1303 LINER-LT1303 Datasheet
280Kb / 12P
   Micropower High Efficiency DC/DC Converters with Low-Battery Detector Adjustable and Fixed 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com