Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3383 Arkusz danych(PDF) 11 Page - Unisonic Technologies

Numer części UC3383
Szczegółowy opis  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3383 Arkusz danych(HTML) 11 Page - Unisonic Technologies

Back Button UC3383 Datasheet HTML 7Page - Unisonic Technologies UC3383 Datasheet HTML 8Page - Unisonic Technologies UC3383 Datasheet HTML 9Page - Unisonic Technologies UC3383 Datasheet HTML 10Page - Unisonic Technologies UC3383 Datasheet HTML 11Page - Unisonic Technologies UC3383 Datasheet HTML 12Page - Unisonic Technologies UC3383 Datasheet HTML 13Page - Unisonic Technologies UC3383 Datasheet HTML 14Page - Unisonic Technologies UC3383 Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
UC3383
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 15
www.unisonic.com.tw
QW-R502-032,H
ELECTRICAL CHARACTRISTICS(Cont.)
UTC UC3383-5.0V
(IOUT=50mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
L, SD, CL etc. connected
4.875 5.000 5.125
V
Maximum Input Voltage
VIN
10
V
Oscillation Start-up Voltage
VST
IOUT=1mA
0.80
0.90
V
Oscillation Hold Voltage
VHLD
IOUT=1mA
0.70
V
Lx Limit Voltage
VLxLMT Same as IDD1. FOSC>Fosc1×2
0.7
1.1
V
No-Load Input Current
IIN
IOUT=0mA (Note 1)
5.3
10.6
μA
Supply Current 1(Note 2)
IDD1
VIN=VOUT×0.95
31.7
63.4
μA
Supply Current 2
IDD2
VIN=VOUT+0.5V
2.4
4.8
μA
Lx Leakage Current
ILXL
No external components, VOUT=VLx=10V.
1.0
μA
Lx Switch-On Resistance
RSWON Same as IDD1. VLx=0.4V
2.8
4.3
Duty Ratio 1
DTY1
Same as IDD1. Measuring of Lx waveform
70
75
80
%
Duty Ratio 2
DTY2
IOUT=1mA. Measuring of Lx on-time
40
45
50
%
Efficiency
EFFI
L, SD, CL etc. connected
85
%
Fosc1 Same as IDD1. 75% duty
100
120
130
kHz
Maximum Oscillation Frequency
Fosc2 Same as IDD1. 45% duty
150
180
210
kHz
For 5-Pins Package Only
High
VCEH
Same as IDD1.
Existence of Lx Oscillation.
0.75
V
CE Voltage
Low
VCEL
Same as IDD1.
Disappearance of Lx Oscillation
0.20
V
High
ICEH
Same as IDD1. VCE=VOUT×0.95
0.25
μA
CE ”High” Current
Low
ICEL
Same as IDD1. VCE=0V
-0.25
μA
Stand-by Current
ISTB
Same as IDD1.
0.5
μA
Note: 1. The Schottky diode (SD) must be type MA735, with reverse current(IR)<1.0μA at reverse voltage (VR) =10V.
2. "Supply Current 1" is the supply current while the oscillator is continuously oscillating. The current actually
provided by an external VIN source is represented by "No-Load Input Current (IIN)".


Podobny numer części - UC3383

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC3383 UTC-UC3383 Datasheet
364Kb / 15P
   PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
UC3383 UTC-UC3383 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383G-20-AB3-R UTC-UC3383G-20-AB3-R Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383G-20-AF5-R UTC-UC3383G-20-AF5-R Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383G-25-AB3-R UTC-UC3383G-25-AB3-R Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
More results

Podobny opis - UC3383

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
L3383 UTC-L3383 Datasheet
250Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
   PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
logo
Torex Semiconductor
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com