Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM15 Arkusz danych(PDF) 7 Page - Semtech Corporation

Numer części SM15
Szczegółowy opis  TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM15 Arkusz danych(HTML) 7 Page - Semtech Corporation

  SM15 Datasheet HTML 1Page - Semtech Corporation SM15 Datasheet HTML 2Page - Semtech Corporation SM15 Datasheet HTML 3Page - Semtech Corporation SM15 Datasheet HTML 4Page - Semtech Corporation SM15 Datasheet HTML 5Page - Semtech Corporation SM15 Datasheet HTML 6Page - Semtech Corporation SM15 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SM05 THRU SM36
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
C
T
.
5
0
M
SV
50
0
0
,
3h
c
n
I
7
G
T
.
5
0
M
SV
50
0
0
,
0
1h
c
n
I
3
1
C
T
.
2
1
M
SV
2
10
0
0
,
3h
c
n
I
7
G
T
.
2
1
M
SV
2
10
0
0
,
0
1h
c
n
I
3
1
C
T
.
5
1
M
SV
5
10
0
0
,
3h
c
n
I
7
G
T
.
5
1
M
SV
5
10
0
0
,
0
1h
c
n
I
3
1
C
T
.
4
2
M
SV
4
20
0
0
,
3h
c
n
I
7
G
T
.
4
2
M
SV
4
20
0
0
,
0
1h
c
n
I
3
1
C
T
.
6
3
M
SV
6
30
0
0
,
3h
c
n
I
7
Marking Codes
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
5
0
M
S5
0
M
2
1
M
S2
1
M
5
1
M
S5
1
M
4
2
M
S4
2
M
6
3
M
S6
3
M


Podobny numer części - SM15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SM15 MCC-SM15 Datasheet
416Kb / 2P
   Transient Voltage Suppressor 500 Watt
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Microsemi Corporation
SM15 MICROSEMI-SM15 Datasheet
138Kb / 2P
   TVSarray Series
logo
Guangdong Youtai Semico...
SM15 UMW-SM15 Datasheet
425Kb / 3P
   TVS Diode Array
logo
Semtech Corporation
SM15 SEMTECH-SM15 Datasheet
161Kb / 7P
   TVS Diode Array
More results

Podobny opis - SM15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
SM24 BILIN-SM24 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
   TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
   TVS Diode Array
logo
Shanghai Leiditech Elec...
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
   TVS Diode Array
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
   TVS Diode Array
Rev : 01.06.2014
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
   TVS Diode Array
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
   TVS Diode Array
logo
Yea Shin Technology Co....
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
   TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM12 BILIN-SM12 Datasheet
111Kb / 3P
   TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com