Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STC403 Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części STC403
Szczegółowy opis  NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC403 Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  STC403 Datasheet HTML 1Page - KODENSHI_AUK CORP. STC403 Datasheet HTML 2Page - KODENSHI_AUK CORP. STC403 Datasheet HTML 3Page - KODENSHI_AUK CORP. STC403 Datasheet HTML 4Page - KODENSHI_AUK CORP. STC403 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T0O017-003
1
STC403
NPN Silicon Transistor
PIN Connection
TO-220F-3L
Features
• Power Transistor General Purpose application
• Low saturation voltage : VCE(SAT)=0.4V Typ.
• High Voltage : VCEO=60V Min.
Ordering Information
Type NO.
Marking
Package Code
STC403
STC403
TO-220F-3L
Marking Diagram
Absolute maximum ratings
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
60
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
3
A
Collector power dissipation (Tc=25℃)
PC
15
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Characteristic
Symbol
Typ.
Max.
Unit
Thermal
resistance
Junction-case
Rth(J-C)
-
8.33
°C/W
1
2
3
AUK
ΔYMDD
SDB20D45
AUK
ΔYMDD
SDB20D45
AUK
△YMDD
STC403
Column 1 : Manufacturer
Column 2 : Production Information
- △
: Factory Management Code
- YMDD : Date Code (Year, Month, Date)
Column 3 : Device Code


Podobny numer części - STC403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STC403 AUK-STC403 Datasheet
225Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC403 KODENSHI-STC403 Datasheet
242Kb / 5P
   NPN Silicon Transistor
logo
AUK corp
STC403D AUK-STC403D Datasheet
85Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC403D KODENSHI-STC403D Datasheet
333Kb / 6P
   NPN Silicon Transistor
STC403D KODENSHI-STC403D Datasheet
333Kb / 6P
   NPN Silicon Transistor
More results

Podobny opis - STC403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com