Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD1766 Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części STD1766
Szczegółowy opis  NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STD1766 Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  STD1766 Datasheet HTML 1Page - KODENSHI_AUK CORP. STD1766 Datasheet HTML 2Page - KODENSHI_AUK CORP. STD1766 Datasheet HTML 3Page - KODENSHI_AUK CORP. STD1766 Datasheet HTML 4Page - KODENSHI_AUK CORP. STD1766 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T5B004-003
1
STD1766
NPN Silicon Transistor
SOT-89
PIN Connection
Descriptions
• Medium power amplifier
Features
• PC(Collector power dissipation)=2W
(Ceramic substrate of 250 ㎟×0.8t used)
• Low collector saturation voltage :
VCE(sat)=0.5V(Typ.)
• Complementary pair with STB1188
• “Green” device and RoHS compliant device
• Available in full lead (Pb)-free device
Ordering Information
Type NO.
Marking
Package Code
STD1766
B2
YWW
SOT-89
B2: DEVICE CODE,
: hFE rank, YWW(Y : Year code, WW : Weekly code)
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
40
V
Collector-Emitter voltage
VCEO
32
V
Emitter-Base voltage
VEBO
5
V
IC
2
A(DC)
Collector current
ICP*
4
A(Pulse)
PC
0.5
Collector power dissipation
PC**
1
W
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
Characteristic
Symbol
Typ.
Max
Unit
Rth(J-A)
-
250.0
Thermal resistance
Junction-ambient
Rth(J-A) **
-
125.0
/W
* :
Single pulse, tp= 300 ㎲
** : When mounted on ceramic substrate(250 ㎟×0.8t)


Podobny numer części - STD1766

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STD1766 AUK-STD1766 Datasheet
88Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STD1766 KODENSHI-STD1766 Datasheet
320Kb / 5P
   NPN Silicon Transistor
More results

Podobny opis - STD1766

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com