Zakładka z wyszukiwarką danych komponentów |
|
BD244B Arkusz danych(PDF) 1 Page - ON Semiconductor |
|
BD244B Arkusz danych(HTML) 1 Page - ON Semiconductor |
1 / 6 page © Semiconductor Components Industries, LLC, 2007 November, 2007 - Rev. 12 1 Publication Order Number: BD243B/D BD243B, BD243C* (NPN) BD244B, BD244C* (PNP) BD243C and BD244C are Preferred Devices Complementary Silicon Plastic Power Transistors These devices are designed for use in general purpose amplifier and switching applications. Features • Collector - Emitter Saturation Voltage - VCE(sat) = 1.5 Vdc (Max) @ IC = 6.0 Adc • Collector Emitter Sustaining Voltage - VCEO(sus) = 80 Vdc (Min) - BD243B, BD244B = 100 Vdc (Min) - BD243C, BD244C • High Current Gain Bandwidth Product fT = 3.0 MHz (Min) @ IC = 500 mAdc • Pb-Free Packages are Available* MAXIMUM RATINGS Rating Symbol Value Unit Collector-Emitter Voltage BD243B, BD244B BD243C, BD244C VCEO 80 100 Vdc Collector-Base Voltage BD243B, BD244B BD243C, BD244C VCB 80 100 Vdc Emitter-Base Voltage VEB 5.0 Vdc Collector Current - Continuous - Peak IC 6 10 Adc Base Current IB 2.0 Adc Total Device Dissipation @ TC = 25°C Derate above 25 °C PD 65 0.52 W W/ °C Operating and Storage Junction Temperature Range TJ, Tstg -65 to +150 °C THERMAL CHARACTERISTICS Characteristics Symbol Max Unit Thermal Resistance, Junction-to-Case RqJC 1.92 °C/W Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. 6 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 65 WATTS TO-220AB CASE 221A-09 STYLE 1 1 http://onsemi.com MARKING DIAGRAM BD24xy = Device Code x = 3 or 4 y = B or C A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package 2 3 BD24xyG AY WW See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ORDERING INFORMATION Preferred devices are recommended choices for future use and best overall value. |
Podobny numer części - BD244B |
|
Podobny opis - BD244B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |