Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF422 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BF422
Szczegółowy opis  High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BF422 Arkusz danych(HTML) 2 Page - ON Semiconductor

  BF422_10 Datasheet HTML 1Page - ON Semiconductor BF422_10 Datasheet HTML 2Page - ON Semiconductor BF422_10 Datasheet HTML 3Page - ON Semiconductor BF422_10 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF422
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
300
Vdc
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
300
Vdc
Emitter−Base Breakdown Voltage
(IE = 100 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 200 Vdc, IE = 0)
ICBO
0.01
mAdc
Emitter Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 25 mAdc, VCE = 20 Vdc)
hFE
50
Collector−Emitter Saturation Voltage
(IC = 20 mAdc, IB = 2.0 mAdc)
VCE(sat)
0.5
Vdc
Base −Emitter Saturation Voltage
(IC = 20 mAdc, IB = 2.0 mAdc)
VBE(sat)
2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
CurrentGain − Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 20 MHz)
fT
60
MHz
Common Emitter Feedback Capacitance
(VCB = 30 Vdc, IE = 0, f = 1.0 MHz)
Cre
1.6
pF
1. Pulse Test: Pulse Width v 300 ms; Duty Cycle v 2.0%.


Podobny numer części - BF422_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BF422 UTC-BF422_15 Datasheet
316Kb / 4P
   HIGH VOLTAGE TRANSISTOR
More results

Podobny opis - BF422_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com