Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35AG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części TIP35AG
Szczegółowy opis  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP35AG Arkusz danych(HTML) 2 Page - ON Semiconductor

  TIP35AG Datasheet HTML 1Page - ON Semiconductor TIP35AG Datasheet HTML 2Page - ON Semiconductor TIP35AG Datasheet HTML 3Page - ON Semiconductor TIP35AG Datasheet HTML 4Page - ON Semiconductor TIP35AG Datasheet HTML 5Page - ON Semiconductor TIP35AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
TIP35A
SOT−93 (TO−218)
30 Units / Rail
TIP35AG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35B
SOT−93 (TO−218)
30 Units / Rail
TIP35BG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35C
SOT−93 (TO−218)
30 Units / Rail
TIP35CG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36A
SOT−93 (TO−218)
30 Units / Rail
TIP36AG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36B
SOT−93 (TO−218)
30 Units / Rail
TIP36BG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36C
SOT−93 (TO−218)
30 Units / Rail
TIP36CG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mA, IB = 0)
TIP35A, TIP36A
TIP35B, TIP36B
TIP35C, TIP36C
VCEO(sus)
60
80
100
Vdc
Collector−Emitter Cutoff Current
(VCE = 30 V, IB = 0)
TIP35A, TIP36A
(VCE = 60 V, IB = 0)
TIP35B, TIP35C, TIP36B, TIP36C
ICEO
1.0
1.0
mA
Collector−Emitter Cutoff Current
(VCE = Rated VCEO, VEB = 0)
ICES
0.7
mA
Emitter−Base Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
1.0
mA
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 1.5 A, VCE = 4.0 V)
(IC = 15 A, VCE = 4.0 V)
hFE
25
15
75
Collector−Emitter Saturation Voltage
(IC = 15 A, IB = 1.5 A)
(IC = 25 A, IB = 5.0 A)
VCE(sat)
1.8
4.0
Vdc
Base−Emitter On Voltage
(IC = 15 A, VCE = 4.0 V)
(IC = 25 A, VCE = 4.0 V)
VBE(on)
2.0
4.0
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 1.0 A, VCE = 10 V, f = 1.0 kHz)
hfe
25
Current−Gain — Bandwidth Product
(IC = 1.0 A, VCE = 10 V, f = 1.0 MHz)
fT
3.0
MHz
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.


Podobny numer części - TIP35AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
TIP35AG ONSEMI-TIP35AG Datasheet
137Kb / 8P
   Complementary Silicon High-Power Transistors
May, 2012 ??Rev. 6
More results

Podobny opis - TIP35AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com