Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35B Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części TIP35B
Szczegółowy opis  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP35B Arkusz danych(HTML) 3 Page - ON Semiconductor

  TIP35B Datasheet HTML 1Page - ON Semiconductor TIP35B Datasheet HTML 2Page - ON Semiconductor TIP35B Datasheet HTML 3Page - ON Semiconductor TIP35B Datasheet HTML 4Page - ON Semiconductor TIP35B Datasheet HTML 5Page - ON Semiconductor TIP35B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
3
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
0
125
0
25
175
75
100
75
100
50
125
25
150
50
Figure 2. Switching Time Equivalent Test Circuits
0.3
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMPERES)
0.02
1.0
30
0.07
1.0
10
TJ = 25°C
IC/IB = 10
VCC = 30 V
VBE(off) = 2 V
0.5
0.3
0.1
0.05
0.5
3.0
5.0
0.03
0.7
2.0
0.7
7.0
tr
0.2
2.0
20
td
(PNP)
(NPN)
TURN−ON TIME
TURN−OFF TIME
+2.0 V
0
tr
20 ns
−11.0 V
10 TO 100 mS
3.0
RL
−30 V
VCC
DUTY CYCLE ≈ 2.0%
10
RB
TO SCOPE
tr ≤ 20 ns
VBB
+4.0 V
FOR CURVES OF FIGURES 3 & 4, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN, REVERSE ALL POLARITIES.
0
+9.0 V
−11.0 V
10 to 100 ms
tr ≤ 20 ns
DUTY CYCLE ≈ 2.0%
3.0
RL
−30 V
VCC
10
RB
TO SCOPE
tr ≤ 20 ns


Podobny numer części - TIP35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35B MOSPEC-TIP35B Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
New Jersey Semi-Conduct...
TIP35B NJSEMI-TIP35B Datasheet
147Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP35B MOTOROLA-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP35B ONSEMI-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP35B POINN-TIP35B Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com