Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części TIP35B
Szczegółowy opis  Complementary Silicon High?뭁ower Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP35B Arkusz danych(HTML) 4 Page - ON Semiconductor

  TIP35B Datasheet HTML 1Page - ON Semiconductor TIP35B Datasheet HTML 2Page - ON Semiconductor TIP35B Datasheet HTML 3Page - ON Semiconductor TIP35B Datasheet HTML 4Page - ON Semiconductor TIP35B Datasheet HTML 5Page - ON Semiconductor TIP35B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
4
0.5
1.0
2.0
7.0
0.3
3.0
5.0
0.7
IC, COLLECTOR CURRENT (AMPERES)
Figure 4. Turn−Off Time
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
10
20
30
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
ts
tf
(PNP)
(NPN)
ts
tf
IC, COLLECTOR CURRENT (AMPS)
Figure 5. DC Current Gain
200
500
0.2
0.5
2.0
100
0.1
100
50
20
10
1.0
VCE = 4.0 V
TJ = 25°C
5.0
10
20
5.0
50
PNP
NPN
1000
2.0
1.0
FORWARD BIAS
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 6 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated when TC w 25_C. Second breakdown limitations do
not derate the same as thermal limitations.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn−off, in most cases,
with the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping, RC
snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage−current conditions during
reverse biased turn−off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 7 gives RBSOA characteristics.
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
7.0
20
1.0
50
100
0.2
0
0.5
SECONDARY BREAKDOWN
THERMAL LIMIT
BONDING WIRE LIMIT
1.0ms
dc
300 ms
2.0
1.0
100
30
10ms
Figure 6. Maximum Rated Forward Bias
Safe Operating Area
50
20
10
5.0
0.3
2.0 3.0
5.0
10
30
70
TC = 25°C
TIP35A, 36A
TIP35B, 36B
TIP35C, 36C
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
40
60
0
80
100
5.0
0
15
20
40
30
Figure 7. Maximum Rated Forward Bias
Safe Operating Area
25
10
10
20
30
50
70
90
TJ ≤ 100°C
TIP35A
TIP36A
TIP35B
TIP36B
TIP35C
TIP36C


Podobny numer części - TIP35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35B MOSPEC-TIP35B Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
New Jersey Semi-Conduct...
TIP35B NJSEMI-TIP35B Datasheet
147Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
TIP35B MOTOROLA-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP35B ONSEMI-TIP35B Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP35B POINN-TIP35B Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP35B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
2N6040 ONSEMI-2N6040_06 Datasheet
94Kb / 6P
   Plastic Medium?뭁ower Complementary Silicon Transistors
May, 2006 ??Rev. 7
TIP100 ONSEMI-TIP100_05 Datasheet
87Kb / 7P
   Plastic Medium?뭁ower Complementary Silicon Transistors
August, 2005 ??Rev. 11
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
   COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3055A NJSEMI-2N3055A Datasheet
309Kb / 3P
   COMPLEMENTARY SILICON HIGH - POWER TRANSISTORS
logo
Central Semiconductor C...
2N6515 CENTRAL-2N6515 Datasheet
304Kb / 3P
   COMPLEMENTARY SILICON HIGH VOLTAGE TRANSISTORS
R2 18-January 2016
logo
ON Semiconductor
2N3055A ONSEMI-2N3055A_06 Datasheet
89Kb / 6P
   Complementary Silicon High-Power Transistors
April, 2006 ??Rev. 6
MJ802 ONSEMI-MJ802_06 Datasheet
76Kb / 4P
   High?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com