Zakładka z wyszukiwarką danych komponentów |
|
LK1-C1-WW Arkusz danych(PDF) 2 Page - Dialight Corporation |
|
LK1-C1-WW Arkusz danych(HTML) 2 Page - Dialight Corporation |
2 / 2 page LED LIGHT ENGINES WIRING INFORMATION TYPICAL LED PHOTOMETRIC DATA Typ. luminous flux based on input drive current of 350mA maximum power consumption 1.2W per LED Consult LUXEON REBEL data sheet for maximum input currents LINKLED Colour Forward Voltage (Typ) Max.Current (mA) Typ. Power (Watts) CCT Min Luminous Flux (lm) / Radiometric Power (mW) Typ Luminous Flux (lm) / Radiometric Power (mW) Min Typ Max Cool White 3.15 350 1.20 5000 K 5675 K 6350 K 90 lm 100 lm Neutral White 3.15 350 1.20 3800 K 3950 K 4100 K 90lm 100lm Warm White 3.15 350 1.20 2850 K 3050 K 3250 K 50lm 60lm www.dialight.com MDEXLKLD_E Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/ MDEXLKLD.pdf AVAILABLE ASSOCIATED CABLES CT2-C 2- way common connector CT2-100 2- way link lead 100mm (3.39”) CT2-1000-24 2- way link lead 100mm (3.39”) 24 AWG CT2-200 2- way link lead 200mm (7.87”) CT2-200-24 2- way link lead 200mm (7.87”) 24 AWG CT2-E300 2- way input lead 300mm (11.81”) CT2-E300-24 2- way input lead 300mm (11.81”) 24 AWG MDE3-C-35 (CE compliant/ 230VAC only) MDU9-35-70 (UL recognized/ CE compliant 110-240VAC) MDU-18-V-25-100 (CE compliant 120/230VAC dimmable) MND70 9 Dimmable (CE compliant 120/230VAC) MCDE18-350-P 18 (CE compliant 120/230VAC) MLD8-SC-35-70 (CE compliant 230VAC only) COMPATIBLE DIALIGHT DRIVERS LINKLED HEATSINK OPTIONS LinkLED™ Typical connection Up to 9 Single Color LinkLEDs connected together CT2-100 CT2-C CT2-E300 110-240V AC LK-HS9 Suitable for 9 LED’s |
Podobny numer części - LK1-C1-WW |
|
Podobny opis - LK1-C1-WW |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |