Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPTL-3-MSL Arkusz danych(PDF) 1 Page - Dialight Corporation

Numer części OPTL-3-MSL
Szczegółowy opis  TRIPLE OPTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALIGHT [Dialight Corporation]
Strona internetowa  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

OPTL-3-MSL Arkusz danych(HTML) 1 Page - Dialight Corporation

  OPTL-3-MSL Datasheet HTML 1Page - Dialight Corporation OPTL-3-MSL Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
OPERATING CONDITIONS
MATERIALS/FINISH
ORDERING INFORMATION
Only 50mm maximum diameter
Ideal for creating triple arrays of high flux LEDs
Automatic alignment feature
High temperature acrylic construction
Models available for LUXEON®, Cree®,
NICHIA® & OSRAM® LEDs
Creates tight spot of light
Available sub lenses snap-on to the base to
create wide or diffused distributions
85ºC max acrylic temperature
Optical grade PMMA acrylic
TRIPLE OPTIC
TRIPLE SPOT OPTICS
Part Number
Description
*Degree of spot base optic
*Degree of spot base optic
with OPTL-3-WSL (wide sub lens)
OPTX-3-008
Cree triple spot optic
16º
OPK2-3-006
K2 triple spot optic
12º
OPGD-3-006
OSRAM triple spot optic
12º
OPIO-3-011
NICHIA triple spot optic
11º
22º
SUB LENSES
OPTL-3-MSL
Triple micro sub lens
N/A
N/A
OPTL-3-WSL
Triple wide sub lens
N/A
N/A
*All angles refer to half divergence
MDEXLUMTRPOPT_A
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Dialight-Lumidrives Ltd.
York House • Wetherby Road • Long Marston, York, YO26 7NH
Tel: +44(0) 1904 739150 • Fax: +44(0) 1904 737926 • www.dialight.com
Ideal for creating MR16 sized spotlights with LUXEON, Cree, NICHIA & OSRAM high flux LEDs. Typical
applications include spot lighting, accent lighting and RGB color mixing.
APPLICATION


Podobny numer części - OPTL-3-MSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Podobny opis - OPTL-3-MSL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
KSM-711TE5 KODENSHI-KSM-711TE5 Datasheet
204Kb / 2P
   Optic receiver modules
KSM-801LM KODENSHI-KSM-801LM Datasheet
1Mb / 2P
   Optic receiver modules
KSM-601LM KODENSHI-KSM-601LM Datasheet
721Kb / 2P
   Optic receiver modules
KSM-601TM2 KODENSHI-KSM-601TM2 Datasheet
199Kb / 2P
   Optic receiver modules
KSM-901TM1E KODENSHI-KSM-901TM1E Datasheet
235Kb / 2P
   Optic receiver module
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com