Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPXP1OVAL Arkusz danych(PDF) 1 Page - Dialight Corporation

Numer części OPXP1OVAL
Szczegółowy opis  CREE XP ADHESIVE-BACKED LENS SYSTEM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIALIGHT [Dialight Corporation]
Strona internetowa  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

OPXP1OVAL Arkusz danych(HTML) 1 Page - Dialight Corporation

  OPXP1OVAL Datasheet HTML 1Page - Dialight Corporation OPXP1OVAL Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
p For CREE XPE & XPC LEDs
p Available in spot, medium, wide, frosted spot
and oval lenses
p Integral self-adhesive pad
p Compact size
p Greater than 80% efficiency
p 3 alignment tabs to ensure accurate placement
over LED
p Frosted model for even light output within 7º
half divergence & smooth tailoff. Designed to
minimize hot spots & fringing in color mixing
applications
p -40ºC to +110ºC temperature
p Optical grade polycarbonate 143R
CREEXP®
ADHESIVE-BACKED LENS SYSTEM
BASE LENSES
Dialight P/N
Description
Degree*
OPXP1SPOT
Spot Base Module
for CREE XPE & XPC
OPXP1SDIF
Diffused Spot Base Module
for CREE XPE & XPC
OPXP1MDIF
Medium Diffused Base Module
for CREE XPE & XPC
10º
OPXP1OVAL
Oval Base Module
for CREE XPE & XPC
8º X 25º
OPXP1WIDE
Wide Diffused Base Module
for CREE XPE & XPC
20º
*All angles refer to half divergence
www.dialight.com
Oval
Spot
Medium
Diffused
Wide
Spot
Diffused
Patent: 7,874,703
OPERATING CONDITIONS
MATERIALS/FINISH
ORDERING INFORMATION
FEATURES / BENEFITS


Podobny opis - OPXP1OVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dialight Corporation
OPTX1006 DIALIGHT-OPTX1006 Datasheet
119Kb / 2P
   ADHESIVE-BACKED LENS
OPC1-1-SPOT DIALIGHT-OPC1-1-SPOT Datasheet
209Kb / 2P
   LUMILEDS LUXEON REBEL ADHESIVE-BACKED LENS
OPGD1002 DIALIGHT-OPGD1002 Datasheet
126Kb / 2P
   OSRAM GOLDEN DRAGON ADHESIVE-BACKED LENS
logo
PANDUIT CORP.
ABMM-A PANDUIT-ABMM-A Datasheet
74Kb / 1P
   ADHESIVE BACKED MOUNT
ABM3H-A PANDUIT-ABM3H-A Datasheet
69Kb / 1P
   ADHESIVE BACKED MOUNT
logo
List of Unclassifed Man...
561-AWCF32811B ETC2-561-AWCF32811B Datasheet
81Kb / 2P
   Adhesive Backed Wire Clip
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
   Adhesive Backed Nylon Cable Clips
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
   Releasable Adhesive Backed Wire Clips
logo
Cree, Inc
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com