Zakładka z wyszukiwarką danych komponentów |
|
BDX33B Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
BDX33B Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 6 page BDX33B, BDX33C* (NPN) BDX34B, BDX34C* (PNP) http://onsemi.com 2 80 60 40 20 0 0 20 40 60 80 100 120 140 160 Figure 1. Power Derating TC, CASE TEMPERATURE (°C) ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector-Emitter Sustaining Voltage (Note 1) (IC = 100 mAdc, IB = 0) BDX33B/BDX34B BDX33C/BDX34C VCEO(sus) 80 100 - - Vdc Collector-Emitter Sustaining Voltage (Note 1) (IC = 100 mAdc, IB = 0, RBE = 100) BDX33B/BDX34B BDX33C/BDX33C VCER(sus) 80 100 - - Vdc Collector-Emitter Sustaining Voltage (Note 1) (IC = 100 mAdc, IB = 0, VBE = 1.5 Vdc) BDX33B/BDX34B BDX33C/BDX34C VCEX(sus) 80 100 - - Vdc Collector Cutoff Current (VCE = 1/2 rated VCEO, IB = 0) TC = 25°C TC = 100°C ICEO - - 0.5 10 mAdc Collector Cutoff Current (VCB = rated VCBO, IE = 0) TC = 25°C TC = 100°C ICBO - - 1.0 5.0 mAdc Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0) IEBO - 10 mAdc ON CHARACTERISTICS DC Current Gain (Note 1) (IC = 3.0 Adc, VCE = 3.0 Vdc) BDX33B, 33C/34B, 34C hFE 750 - - Collector-Emitter Saturation Voltage (IC = 3.0 Adc, IB = 6.0 mAdc) BDX33B, 33C/34B, 34C VCE(sat) - 2.5 Vdc Base-Emitter On Voltage (IC = 3.0 Adc, VCE = 3.0 Vdc) BDX33B, 33C/34B, 34C VBE(on) - 2.5 Vdc Diode Forward Voltage (IC = 8.0 Adc) VF - 4.0 Vdc 1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%. 2. Pulse Test non repetitive: Pulse Width = 0.25 seconds. |
Podobny numer części - BDX33B |
|
Podobny opis - BDX33B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |