Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT1G14SE-7 Arkusz danych(PDF) 4 Page - Diodes Incorporated

Numer części 74AHCT1G14SE-7
Szczegółowy opis  SINGLE SCHMITT-TRIGGER INVERETER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT1G14SE-7 Arkusz danych(HTML) 4 Page - Diodes Incorporated

  74AHCT1G14SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHCT1G14SE-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHCT1G14
SINGLE SCHMITT-TRIGGER INVERETER
74AHCT1G14
Document number: DS35183 Rev. 1 - 2
4 of 8
www.diodes.com
May 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
TA=25.
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
VT+
Positive-going
input threshold
voltage
4.5V
1.9
1.9
1.9
5.5V
2.1
2.1
2.1
VT-
Negative-going
input threshold
voltage
4.5V
0.5
0.5
0.5
5.5V
0.6
0.6
0.6
ΔVT
Hysteresis
(VT+ - VT-)
4.5V
0.4
1.4
0.4
1.4
.35
1.4
5.5V
0.4
1.6
0.4
1.6
.35
1.5
VOH
High Level
Output Voltage
IOH = -50μA
4.5V
4.4
4.5
4.4
4.4
V
IOH = -8mA
4.5V
3.94
3.80
3.70
VOL
High-level Input
Voltage
IOL = 50μA
4.5V
0.1
0.1
0.1
V
IOL = 8mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = 5.5 V or GND 0 to 5.5V
± 0.1
± 1
± 2
μA
ICC
Supply Current
VI = 5.5V or GND
IO=0
5.5V
2
20
40
μA
ΔICC
Additional
Supply Current
One input at 3.4
V Other inputs at
VCC or GND
5.5V
1.35
1.5
1.5
mA
CI
Input
Capacitance
VI = VCC or GND
5.5V
3
10
10
10
pF
θJA
Thermal
Resistance
Junction-to-
Ambient
SOT25
(Note 4)
195
oC/W
SOT353
(Note 4)
430
oC/W
θJC
Thermal
Resistance
Junction-to-
Case
SOT25
(Note 4)
58
oC/W
SOT353
(Note 4)
155
oC/W
Note:
4. Test conditions for SOT25, and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
.
Switching Characteristics
VCC = 5V ± 0.5V (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A
Y
CL=15pF
0.6
4.0
7.0
0.6
8.0
0.6
9.0
ns
CL=50pF
0.6
5.4
8.0
0.6
9.0
0.6
10.0
ns


Podobny numer części - 74AHCT1G14SE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT1G14 PHILIPS-74AHCT1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHCT1G14 NXP-74AHCT1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHCT1G14 NEXPERIA-74AHCT1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
74AHCT1G14-Q100 NEXPERIA-74AHCT1G14-Q100 Datasheet
802Kb / 17P
   Inverting Schmitt trigger
logo
Texas Instruments
74AHCT1G14DBVRE4 TI1-74AHCT1G14DBVRE4 Datasheet
876Kb / 14P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER GATE
More results

Podobny opis - 74AHCT1G14SE-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74AHC1G14 DIODES-74AHC1G14_11 Datasheet
184Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14_1107 DIODES-74LVC1G14_1107 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Rohm
BU4S584 ROHM-BU4S584 Datasheet
38Kb / 4P
   Single Schmitt trigger
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com