Zakładka z wyszukiwarką danych komponentów |
|
BCX5216TA Arkusz danych(PDF) 1 Page - Diodes Incorporated |
|
BCX5216TA Arkusz danych(HTML) 1 Page - Diodes Incorporated |
1 / 7 page BCX 51 / 52 / 53 Datasheet Number: DS35368 Rev. 2 – 2 1 of 7 www.diodes.com June 2011 © Diodes Incorporated BCX 51 / 52 / 53 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89 Features • IC = -1A Continuous Collector Current • Low Saturation Voltage VCE(sat) < -500mV @ -0.5A • Gain groups 10 and 16 • Epitaxial Planar Die Construction • Complementary NPN types: BCX54, 55, and 56 • Lead-Free, RoHS Compliant (Note 1) • Halogen and Antimony Free. “Green” Devices (Note 2) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: SOT89 • Case Material: Molded Plastic, “Green” Molding Compound (Note 2) • UL Flammability Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Matte Tin Finish • Weight: 0.072 grams (Approximate) Applications • Medium Power Switching or Amplification Applications • AF driver and output stages Ordering Information (Note 3) Product Marking Reel size (inches) Tape width (mm) Quantity per reel BCX51TA AA 7 12 1,000 BCX5110TA AC 7 12 1,000 BCX5116TA AD 7 12 1,000 BCX52TA AE 7 12 1,000 BCX5210TA AG 7 12 1,000 BCX5216TA AM 7 12 1,000 BCX53TA AH 7 12 1,000 BCX5310TA AK 7 12 1,000 BCX5316TA AL 7 12 1,000 BCX5316TC AL 13 12 4,000 BCX5316-13R AL 13 12 4,000 Notes: 1. No purposefully added lead. 2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com 3. For packaging details, go to our website http://www.diodes.com Marking Information xx = Product Type Marking Code, as follows: BCX51 = AA BCX52 = AE BCX53 = AH BCX5110 = AC BCX5210 = AG BCX5310 = AK BCX5116 = AD BCX5316 = AM BCX5316 = AL C E B Top View Device Symbol Top View Pin-Out SOT89 C E C B xx |
Podobny numer części - BCX5216TA |
|
Podobny opis - BCX5216TA |