Zakładka z wyszukiwarką danych komponentów |
|
ISL3298EMRTEP-TK Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL3298EMRTEP-TK Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 9 page ISL3298EMRTEP 2 FN7607.1 July 28, 2011 Pin Configuration ISL3298EMRTEP (8 LD TDFN) TOP VIEW Truth Table TRANSMITTING INPUTS OUTPUTS DE DI Z Y 11 01 10 10 0X High-Z * High-Z * NOTE: *Shutdown Mode 2 3 4 1 7 6 5 8 VL DE DI GND VCC Z Y GND D Pin Descriptions PIN NUMBER PIN SYMBOL FUNCTION 1VL Logic-Level supply which sets the VIL/VIH levels for the DI and DE pins. Power-up this supply after VCC, and keep VL ≤ VCC. 2 DE Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high, and are high impedance when DE is low. If the driver enable function isn’t needed, connect DE to VCC (or VL) through a 1kΩ to 3kΩ resistor. 3 DI Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low. 4, 5 GND Ground connection. This is also the potential of the TDFN thermal pad. 6 Y ±15kV HBM, ±7kV IEC61000 (contact method) ESD Protected RS-485/422 level, noninverting transmitter output. 7 Z ±15kV HBM, ±7kV IEC61000 (contact method) ESD Protected RS-485/422 level, inverting transmitter output. 8VCC System power supply input (3.0V to 5.5V). On devices with a VL pin, power-up VCC first. Ordering Information PART NUMBER (Note) VENDOR ITEM DRAWING PART MARKING TEMP. RANGE (°C) PACKAGE (Tape and Reel) ISL3298EMRTEP-T V62/10602-01XB 298 -55 to +125 8 Ld TDFN ISL3298EMRTEP-TK V62/10602-01XB 298 -55 to +125 8 Ld TDFN NOTE: Please refer to TB347 for details on reel specifications. |
Podobny numer części - ISL3298EMRTEP-TK |
|
Podobny opis - ISL3298EMRTEP-TK |