Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22349 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL22349
Szczegółowy opis  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22349 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL22349 Datasheet HTML 1Page - Intersil Corporation ISL22349 Datasheet HTML 2Page - Intersil Corporation ISL22349 Datasheet HTML 3Page - Intersil Corporation ISL22349 Datasheet HTML 4Page - Intersil Corporation ISL22349 Datasheet HTML 5Page - Intersil Corporation ISL22349 Datasheet HTML 6Page - Intersil Corporation ISL22349 Datasheet HTML 7Page - Intersil Corporation ISL22349 Datasheet HTML 8Page - Intersil Corporation ISL22349 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6331.3
May 28, 2009
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 3)
MAX
(Note 13)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +3.6V, 10k DCP, fSCL = 400kHz; (for
I2C active, read and write states)
2.5
mA
VCC Supply Current (volatile
write/read, non-volatile read)
VCC = +3.6V, 50k DCP, fSCL = 400kHz; (for
I2C active, read and write states)
0.65
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, 10k DCP, fSCL = 400kHz; (for
I2C active, read and write states)
4.0
mA
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, 50k DCP, fSCL = 400kHz; (for
I2C active, read and write states)
3.0
mA
ISB
VCC Current (standby)
VCC = +5.5V, 10k DCP, I
2C interface in
standby state
2.4
mA
VCC = +3.6V, 10k DCP, I
2C interface in
standby state
525
µA
VCC = +5.5V, 50k DCP, I
2C interface in
standby state
1.6
mA
VCC = +3.6V, 50k DCP, I
2C interface in
standby state
350
µA
ISD
VCC Current (shutdown)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
5µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
6.5
µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
4µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
5.5
µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SHDN, SDA, and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 11)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 11)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VccRamp
VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
Vcc above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T < +55°C
50
Years
tWC
(Note 12)
Non-volatile Write Cycle Time
12
20
ms
ISL22349


Podobny numer części - ISL22349

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22349 RENESAS-ISL22349 Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
logo
Intersil Corporation
ISL22349UFV14Z INTERSIL-ISL22349UFV14Z Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22349UFV14Z RENESAS-ISL22349UFV14Z Datasheet
830Kb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C™ Bus, 128 Taps, Wiper Only
May 28, 2009
More results

Podobny opis - ISL22349

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com