Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLHS2242PBF Arkusz danych(PDF) 3 Page - International Rectifier

Numer części IRLHS2242PBF
Szczegółowy opis  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLHS2242PBF Arkusz danych(HTML) 3 Page - International Rectifier

  IRLHS2242PBF Datasheet HTML 1Page - International Rectifier IRLHS2242PBF Datasheet HTML 2Page - International Rectifier IRLHS2242PBF Datasheet HTML 3Page - International Rectifier IRLHS2242PBF Datasheet HTML 4Page - International Rectifier IRLHS2242PBF Datasheet HTML 5Page - International Rectifier IRLHS2242PBF Datasheet HTML 6Page - International Rectifier IRLHS2242PBF Datasheet HTML 7Page - International Rectifier IRLHS2242PBF Datasheet HTML 8Page - International Rectifier IRLHS2242PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRLHS2242TR/TR2PbF
www.irf.com
3
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.Drain-to-Source Voltage
1
10
100
-VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 KHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
ID = -8.5A
VGS = -4.5V
0
5
10
15
20
25
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= -16V
VDS= -10V
VDS= -4V
ID= -8.5A
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
TOP
-10V
-7.0V
-4.5V
-3.5V
-2.5V
-2.0V
-1.8V
BOTTOM
-1.5V
≤60μs PULSE WIDTH
Tj = 25°C
-1.5V
0.1
1
10
100
-V DS, Drain-to-Source Voltage (V)
0.1
1
10
100
≤60μs PULSE WIDTH
Tj = 150°C
-1.5V
VGS
TOP
-10V
-7.0V
-4.5V
-3.5V
-2.5V
-2.0V
-1.8V
BOTTOM
-1.5V
0
1
2
3
4
5
-VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VDS = -10V
≤60μs PULSE WIDTH


Podobny numer części - IRLHS2242PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
logo
Infineon Technologies A...
IRLHS2242PBF INFINEON-IRLHS2242PBF Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
More results

Podobny opis - IRLHS2242PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com