Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28005FH100Z-T7 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28005FH100Z-T7
Szczegółowy opis  Micropower, Rail-to-Rail Input Current Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH100Z-T7 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28005FH100Z-T7 Datasheet HTML 1Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 2Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 3Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 4Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 5Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 6Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 7Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 8Page - Intersil Corporation ISL28005FH100Z-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL28005
4
FN6973.4
July 1, 2011
Absolute Maximum Ratings
Thermal Information
Max Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..28V
Max Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20mA
Max Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.5V
Max Input Voltage (RS+, RS-) . . . . . . . . . . . . . . . . . . . . . . . GND-0.5V to 30V
Max Input Current for Input Voltage <GND -0.5V . . . . . . . . . . . . . . . ±20mA
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
5 Ld SOT-23 (Notes 5, 6) . . . . . . . . . . . . . . .
190
90
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Maximum Junction Temperature (TJMAX) . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . .-40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specification VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified. Boldface limits
apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOS
Input Offset Voltage
(Notes 8, 9)
VCC = VRS+ = 12V,
VS = 20mV to = 100mV
-500
-500
60
500
500
µV
VCC = 12V, VRS+ = 0.2V, VS = 20mV,
VS = 100mV
-3
-3.3
-1.2
3
3.3
mV
IRS+, IRS -
Leakage Current
VCC = 0V, VRS+ = 28V
0.041
1.2
1.5
µA
IRS+
Gain = 100 + Input Bias Current
VRS+ = 2V, VSENSE = 5mV
4.7
6
7
µA
VRS+ = 0V, VSENSE = 5mV
-500
-600
-425
nA
Gain = 50, Gain = 20 +Input Bias Current VRS+ = 2V, VSENSE = 5mV
4.7
6
8
µA
VRS+ = 0V, VSENSE = 5mV
-700
-840
-432
nA
IRS -Input Bias Current
VRS+ = 2V, VSENSE = 5mV
5
50
75
nA
VRS+ = 0V, VSENSE = 5mV
-125
-130
-45
nA
CMRR
Common Mode Rejection Ratio
VRS+ = 2V to 28V
105
115
dB
PSRR
Power Supply Rejection Ratio
VCC = 2.7V to 28V, VRS+ = 2V
90
105
dB
VFS
Full-scale Sense Voltage
VCC = 28V, VRS+ = 0.2V, 12V
200
mV
GGain
(Note 8)
ISL28005-100
100
V/V
ISL28005-50
50
V/V
ISL28005-20
20
V/V


Podobny numer części - ISL28005FH100Z-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH100Z-T7 RENESAS-ISL28005FH100Z-T7 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005FH100Z-T7A INTERSIL-ISL28005FH100Z-T7A Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Podobny opis - ISL28005FH100Z-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com