Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SAR533D Arkusz danych(PDF) 6 Page - Rohm

Numer części 2SAR533D
Szczegółowy opis  Midium Power Transistors (-50V / -3A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SAR533D Arkusz danych(HTML) 6 Page - Rohm

  2SAR533D Datasheet HTML 1Page - Rohm 2SAR533D Datasheet HTML 2Page - Rohm 2SAR533D Datasheet HTML 3Page - Rohm 2SAR533D Datasheet HTML 4Page - Rohm 2SAR533D Datasheet HTML 5Page - Rohm 2SAR533D Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
R1010
A
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the
consent of ROHM Co.,Ltd.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter
"Products"). If you wish to use any such Product, please be sure to refer to the specifications,
which can be obtained from ROHM upon request.
Examples of application circuits, circuit constants and any other information contained herein
illustrate the standard usage and operations of the Products. The peripheral conditions must
be taken into account when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document.
However, should you incur any damage arising from any inaccuracy or misprint of such
information, ROHM shall bear no responsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or
implicitly, any license to use or exercise intellectual property or other rights held by ROHM and
other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.
The Products specified in this document are intended to be used with general-use electronic
equipment or devices (such as audio visual equipment, office-automation equipment, commu-
nication devices, electronic appliances and amusement devices).
The Products specified in this document are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a
Product may fail or malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard
against the possibility of physical injury, fire or any other damage caused in the event of the
failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM
shall bear no responsibility whatsoever for your use of any Product outside of the prescribed
scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or
system which requires an extremely high level of reliability the failure or malfunction of which
may result in a direct threat to human life or create a risk of human injury (such as a medical
instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-
controller or other safety device). ROHM shall bear no responsibility in any way for use of any
of the Products for the above special purposes. If a Product is intended to be used for any
such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may
be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to
obtain a license or permit under the Law.


Podobny numer części - 2SAR533D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SAR533D ROHM-2SAR533D Datasheet
380Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
More results

Podobny opis - 2SAR533D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR533D ROHM-2SCR533D Datasheet
494Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR543R ROHM-2SCR543R Datasheet
439Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR533P ROHM-2SCR533P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 3A)
MP6X13 ROHM-MP6X13 Datasheet
422Kb / 6P
   Midium Power Transistors (50V / 3A)
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com