Zakładka z wyszukiwarką danych komponentów |
|
ISL28006FH50Z-T7A Arkusz danych(PDF) 5 Page - Intersil Corporation |
|
ISL28006FH50Z-T7A Arkusz danych(HTML) 5 Page - Intersil Corporation |
5 / 24 page ISL28006 5 FN6548.5 May 23, 2011 IRS - (- Input Bias Current) G = 100, 50, 20, ADJ VRS+ = 2V, VSENSE = 5mV 5 50 nA 75 nA VRS+ = 0V, VSENSE = 5mV -125 -45 nA -130 nA CMRR Common Mode Rejection Ratio VRS+ = 2V to 28V 105 115 dB PSRR Power Supply Rejection Ratio VCC = 2.7V to 28V, VRS+= 2V 90 105 dB VFS Full-scale Sense Voltage VCC = 28V, VRS+ = 0.2V, 12V 200 mV G (Gain) (Note 8) ISL28006-100 100 V/V ISL28006-50 50 V/V ISL28006-20 20 V/V ISL28006-ADJ 20 V/V GA (Gain Accuracy) Gain = 100 (Note 10) VCC = VRS+ = 12V, VSENSE = 20mV to 100mV -0.2 0.7 % -1 1 % VCC = 12V, VRS+ = 0.1V, VSENSE = 20mV to 100mV -0.25 % Gain = 50, Gain = 20 (Note 10) VCC = VRS+ = 12V, VSENSE = 20mV to 100mV -0.35 0.7 % -1 1 % VCC = 12V, VRS+ = 0.1V, VSENSE = 20mV to 100mV -2.2 -0.33 2.2 % -2.3 2.3 % ADJ Gain = 21 Rf = 100kΩ, Rg = 5kΩ (Note 10) VCC = VRS+ = 12V, VSENSE = 20mV to 100mV -0.65 1 % -1 1.05 % VCC = 12V, VRS+ = 0.1V, VSENSE = 20mV to 100mV -2.2 -0.33 2.2 % -2.3 2.3 VOA (Total Output Accuracy) Gain = 100 (Note 11) VCC = VRS+ = 12V, VSENSE = 100mV -0.7 0.7 % -0.9 0.9 % VCC = 12V, VRS+ = 0.1V, VSENSE = 100mV -1.25 % Gain = 50, Gain = 20 (Note 11) VCC = VRS+ = 12V, VSENSE = 100mV -0.7 0.7 % -0.9 0.9 % VCC = 12V, VRS+ = 0.1V, VSENSE = 100mV -4.7 -1.41 1.8 % -5.2 2.3 % ADJ Gain = 21 Rf = 100kΩ, Rg = 5kΩ (Note 11) VCC = VRS+ = 12V, VSENSE = 100mV -0.7 1.05 % -0.9 1.2 % VCC = 12V, VRS+ = 0.1V, VSENSE = 100mV -4.7 -1.41 1.8 % -5.2 2.3 % VOH Output Voltage Swing, High VCC - VOUT IO = -500µA, VCC = 2.7V, VSENSE = 100mV, VRS+ = 2V 39 50 mV VOL Output Voltage Swing, Low VOUT IO = 500µA, VCC = 2.7V, VSENSE = 0V, VRS+ = 2V 30 50 mV ROUT Output Resistance VCC = VRS+ = 12V, VSENSE = 100mV, IOUT = 10µA to 1mA 6.5 Ω ISC+ Short Circuit Sourcing Current VCC = VRS+ = 5V, RL = 10Ω 4.8 mA ISC- Short Circuit Sinking Current VCC = VRS+ = 5V, RL = 10Ω 8.7 mA Electrical Specifications VCC = 12V, VRS+ = 0V to 28V, VSENSE = 0V, RLOAD = 1MΩ, TA = +25°C unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data established by characterization. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 7) TYP MAX (Note 7) UNIT |
Podobny numer części - ISL28006FH50Z-T7A |
|
Podobny opis - ISL28006FH50Z-T7A |