Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28005FH-20EVAL1Z Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL28005FH-20EVAL1Z
Szczegółowy opis  Micropower, Rail-to-Rail Input Current Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28005FH-20EVAL1Z Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL28005FH-20EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL28005FH-20EVAL1Z Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL28005
11
FN6973.4
July 1, 2011
Hysteretic Comparator
The input trans-conductance amps are under control of a
hysteretic comparator operating from the incoming source
voltage on the RS+ pin (see Figure 20). The comparator monitors
the voltage on RS+ and switches the sense amplifier from the
low-side gm amp to the high-side gm amplifier whenever the
input voltage at RS+ increases above the 1.35V threshold.
Conversely, a decreasing voltage on the RS+ pin, causes the
hysteric comparator to switch from the high-side gm amp to the
low-side gm amp as the voltage decreases below 1.35V. It is that
low-side sense gm amplifier that gives the ISL28005 the
proprietary ability to sense current all the way to 0V. Negative
voltages on the RS+ or RS- are beyond the sensing voltage range
of this amplifier.
Typical Application Circuit
Figure 22 shows the basic application circuit and optional
protection components for switched-load applications. For
applications where the load and the power source is permanently
connected, only an external sense resistor is needed. For
applications where fast transients are caused by hot plugging the
source or load, external protection components may be needed.
The external current limiting resistor (RP) in Figure 22 may be
required to limit the peak current through the internal ESD
diodes to < 20mA. This condition can occur in applications that
experience high levels of in-rush current causing high peak
voltages that can damage the internal ESD diodes. An RP resistor
value of 100Ω will provide protection for a 2V transient with the
maximum of 20mA flowing through the input while adding only
an additional 13µV (worse case over-temperature) of VOS. Refer
to the following formula:
((RP x IRS-) = (100Ω x 130nA) = 13µV)
Switching applications can generate voltage spikes that can
overdrive the amplifier input and drive the output of the amplifier
into the rails, resulting in a long overload recovery time.
Capacitors CM and CD filter the common mode and differential
voltage spikes.
Error Sources
There are 3 dominant error sources: gain error, input offset
voltage error and Kelvin voltage error (see Figure 21). The gain
error is dominated by the internal resistance matching
tolerances. The remaining errors appear as sense voltage errors
at the input to the amplifier. They are VOS of the amplifier and
Kelvin voltage errors. If the transient protection resistor is added,
an additional VOS error can result from the IxR voltage due to
input bias current. The limiting resistor should only be added to
the RS- input, due to the high-side gm amplifier (gmHI) sinking
several micro amps of current through the RS+ pin.
Layout Guidelines
Kelvin Connected Sense Resistor
The source of Kelvin voltage errors is illustrated in Figure 21. The
resistance of 1/2 oz. copper is ~1m
Ω per square with a TC of
~3900ppm/°C (0.39%/°C). When you compare this unwanted
parasitic resistance with the total of 1m
Ω to 10mΩ resistance of
the sense resistor, it is easy to see why the sense connection
must be chosen very carefully. For example, consider a
maximum current of 20A through a 0.005
Ω sense resistor,
generating a VSENSE = 0.1 and a full scale output voltage of 10V
(G = 100). Two side contacts of only 0.25 square per contact puts
the VSENSE input about 0.5 x 1mΩ away from the resistor end
capacitor. If only 10A the 20A total current flows through the
kelvin path to the resistor, you get an error voltage of 10mV
(10A x 0.5sq x 0.001
Ω/sq. = 10mV) added to the 100mV sense
voltage for a sense voltage error of 10% (0.110V - 0.1)/0.1V) x
100.
FIGURE 20. GAIN ACCURACY vs VRS+ = 0V TO 2V
VRS+ (V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FIGURE 21. PC BOARD CURRENT SENSE KELVIN CONNECTION
PC Board
Non-uniform
Current Flow
Current Sense Resistor
1 to 10mO
Current In
Current Out
Kelvin V
S Contacts
Copper Trace
30mO/Sq.
PC Board
Non-uniform
Current Flow
Current Sense Resistor
1 to 10mO
Current In
Current Out
Kelvin V
S Contacts
Copper Trace
30mO/Sq.
CURRENT SENSE RESISTOR
1mΩ TO 10mΩ
1mΩ /SQ
CURRENT OUT
CURRENT IN
NON-UNIFORM
CURRENT FLOW
PC BOARD
KELVIN VS CONTACTS
1/2 Oz COPPER TRACE


Podobny numer części - ISL28005FH-20EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28005FH-20EVAL1Z INTERSIL-ISL28005FH-20EVAL1Z Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH-20EVAL1Z INTERSIL-ISL28005FH-20EVAL1Z Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH-20EVAL1Z INTERSIL-ISL28005FH-20EVAL1Z Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005FH-20EVAL1Z RENESAS-ISL28005FH-20EVAL1Z Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results

Podobny opis - ISL28005FH-20EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH100Z-T7 INTERSIL-ISL28006FH100Z-T7 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
November 22, 2013
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com