Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28113FEZ-T7 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL28113FEZ-T7
Szczegółowy opis  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28113FEZ-T7 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL28113FEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28113FEZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISL28113, ISL28213, ISL28413
9
FN6728.5
June 9, 2011
Applications Information
Functional Description
The ISL28113, ISL28213 and ISL28413 are single, dual and
quad, CMOS rail-to-rail input, output (RRIO) micropower
operational amplifiers. They are designed to operate from single
supply (1.8V to 5.5V) or dual supply (±0.9V to ±2.75V). The parts
have an input common mode range that extends 100mV above
and below the power supply voltage rails. The output stage can
swing to within 15mV of the supply rails with a 10k
Ω load.
Input ESD Diode Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails (see “Pin Descriptions -
Circuit 1” on page 3). For applications where the input voltage
may exceed either power supply voltage by 0.5V or more, an
external series resistor must be used to ensure the input currents
never exceed 20mA (see Figure 19).
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier
transfer function when the input voltage exceeds the supply
voltage. The ISL28113, ISL28213 and ISL28413 are immune to
output phase reversal, even when the input voltage is 1V beyond
the supplies.
Unused Channels
If the application requires less than all amplifiers one channel,
the user must configure the unused channel(s) to prevent it from
oscillating. The unused channel(s) will oscillate if the input and
output pins are floating. This will result in higher than expected
supply currents and possible noise injection into the channel
being used. The proper way to prevent this oscillation is to short
the output to the inverting input and ground the positive input (as
shown in Figure 20).
Power Dissipation
It is possible to exceed the +125°C maximum junction
temperatures under certain load, power supply conditions and
ambient temperature conditions. It is therefore important to
calculate the maximum junction temperature (TJMAX) for all
applications to determine if power supply voltages, load
conditions, or package type need to be modified to remain in the
safe operating area. These parameters are related using
Equation 1:
where:
•PDMAXTOTAL is the sum of the maximum power dissipation of
each amplifier in the package (PDMAX)
•PDMAX for each amplifier can be calculated using Equation 2:
where:
•TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of 1 amplifier
•VS = Total supply voltage
•IqMAX = Maximum quiescent supply current of 1 amplifier
•VOUTMAX = Maximum output voltage swing of the application
•RL = Load resistance
ISL28113, ISL28213 and ISL28413 SPICE
Model
Figure 21 shows the SPICE model schematic and Figure 22 shows
the net list for the SPICE model. The model is a simplified version
of the actual device and simulates important AC and DC
parameters. AC parameters incorporated into the model are: 1/f
and flatband noise, Slew Rate, CMRR, Gain and Phase. The DC
parameters are IOS, total supply current and output voltage swing.
The model uses typical parameters given in the “Electrical
Specifications” Table beginning on page 4. The AVOL is adjusted
for 85dB with the dominate pole at 100Hz. The CMRR is set 72dB,
f = 35kHz). The input stage models the actual device to present an
accurate AC representation. The model is configured for ambient
temperature of +25°C.
Figures 23 through 32 show the characterization vs simulation
results for the Noise Voltage, Closed Loop Gain vs Frequency,
Large Signal 5V Step Response, CMRR and Open Loop Gain
Phase.
FIGURE 19. INPUT ESD DIODE CURRENT LIMITING
-
+
RIN-
RL
VIN-
V+
V-
RIN+
RF
RG
FIGURE 20. PREVENTING OSCILLATIONS IN UNUSED CHANNELS
-
+
TJMAX
TMAX θJAxPDMAXTOTAL
+
=
(EQ. 1)
PDMAX
VS IqMAX VS
(
- VOUTMAX)
VOUTMAX
RL
------------------------
×
+
×
=
(EQ. 2)


Podobny numer części - ISL28113FEZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28113FEZ-T7 INTERSIL-ISL28113FEZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113FEZ-T7 INTERSIL-ISL28113FEZ-T7 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28113FEZ-T7 RENESAS-ISL28113FEZ-T7 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113FEZ-T7A INTERSIL-ISL28113FEZ-T7A Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113FEZ-T7A INTERSIL-ISL28113FEZ-T7A Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
More results

Podobny opis - ISL28113FEZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com