Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28246FUZ Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL28246FUZ
Szczegółowy opis  5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28246FUZ Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL28246FUZ Datasheet HTML 2Page - Intersil Corporation ISL28246FUZ Datasheet HTML 3Page - Intersil Corporation ISL28246FUZ Datasheet HTML 4Page - Intersil Corporation ISL28246FUZ Datasheet HTML 5Page - Intersil Corporation ISL28246FUZ Datasheet HTML 6Page - Intersil Corporation ISL28246FUZ Datasheet HTML 7Page - Intersil Corporation ISL28246FUZ Datasheet HTML 8Page - Intersil Corporation ISL28246FUZ Datasheet HTML 9Page - Intersil Corporation ISL28246FUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6321.3
June 23, 2008
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT VOLTAGE NOISE 0.1Hz to 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. ENABLE TO OUTPUT RESPONSE
FIGURE 18. INPUT OFFSET VOLTAGE vs COMMON-MODE
INPUT VOLTAGE
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open (Continued)
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 1k
AV = +1
CL = 16.3pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
123
45
6789
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 10, Rf = 100k
AV = 10000
CL = 16.3pF
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
01
234
567
89
10
TIME (µs)
V+, V- = ±2.5V
RL = 1k
Rg = Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 1.5VP-P
0.012
0.014
0.016
0.018
0.020
0.022
0.024
0.026
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TIME (µs)
V+, V- = ±2.5V
RL = 1k
Rg = Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 10mVP-P
-1
0
1
2
3
4
5
6
0
10
20304050
607080
90
100
TIME (µs)
-0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
V+ = 5V
Rg = Rf = RL = 1k
AV = +2
VOUT = 1VP-P
CL = 16.3pF
V-ENABLE
V-OUT
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1
0
123456
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
ISL28146, ISL28246


Podobny numer części - ISL28246FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28246FUZ INTERSIL-ISL28246FUZ Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28246FUZ-T7 INTERSIL-ISL28246FUZ-T7 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
More results

Podobny opis - ISL28246FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com