Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54060IRTZ-T Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL54060IRTZ-T
Szczegółowy opis  Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54060IRTZ-T Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL54060IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54060IRTZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6580.2
November 3, 2009
Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 9),
Unless Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 1.8V, ICOM = 100mA, VNO or VNC =
(V+ -6.5V) to V+ (see Figure 4)
25
-
1.87
-
Ω
Full
-
1.97
-
Ω
rON Matching Between Channels,
ΔrON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = Voltage
at max rON, (Note 13)
25
-
16
-
m
Ω
Full
-
30
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 100mA, VNO or
VNC = (V+ -6.5V) to V+, (Note 12)
25
-
1.34
-
Ω
Full
-
1.43
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
145
-
ns
Full
-
150
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
20
-
ns
Full
-
22
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
40
-
pC
NOx or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 6)
25
-
36
-
pF
COMx ON Capacitance, CCOM(ON)
f = 1MHz (see Figure 6)
25
-
88
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.4
V
Input Voltage High, VINH
25
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
Full
-
0.19
-
µA
NOTES:
9. VIN = input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between NC1 and NC2 or between NO1 and NO2.
14. Limits established by characterization and are not production tested.
ISL54060, ISL54061


Podobny numer części - ISL54060IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060IRTZ-T INTERSIL-ISL54060IRTZ-T Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54060IRTZ-T RENESAS-ISL54060IRTZ-T Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
More results

Podobny opis - ISL54060IRTZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
ISL54066 RENESAS-ISL54066 Datasheet
738Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54066_0911 INTERSIL-ISL54066_0911 Datasheet
402Kb / 14P
   Negative Signal Swing, High Off-Isolation, Dual SPST Single Supply Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com