Zakładka z wyszukiwarką danych komponentów |
|
ISL54065 Arkusz danych(PDF) 3 Page - Intersil Corporation |
|
ISL54065 Arkusz danych(HTML) 3 Page - Intersil Corporation |
3 / 15 page 3 FN6583.2 November 3, 2009 Absolute Maximum Ratings Thermal Information V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7.0V Input Voltages NOx, NCx (Note 2) . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V) INx, EN (Note 2) . . . . . . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V) Output Voltages COMx (Note 2) . . . . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V) Continuous Current NOx, NCx, or COMx . . . . . . . . . . . . . . ±300mA Peak Current NOx, NCx, or COMx (Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . ±500mA ESD Rating: Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>400V Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5kV Thermal Resistance (Typical) θJA (°C/W) 12 Ld µTQFN Package (Note 3) . . . . . . . . . . . . . . . 155 Maximum Junction Temperature (Plastic Package). . . . . . . +150°C Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Operating Conditions Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C Power Supply Range . . . . . . . . . . . . . . . . . . . . . . . . +1.8V to +6.5V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTES: 2. Signals on NCx, NOx, INx, EN, CP, or COMx exceeding V+ or GND by the specified amount are clamped by internal diodes. Limit forward diode current to maximum current ratings. 3. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, VEN = VINH, VCP = VINL (Note 4), unless otherwise specified. PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 5, 6) TYP MAX (Notes 5, 6) UNITS ANALOG SWITCH CHARACTERISTICS ON-Resistance, rON V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ -6.5) to V+ (see Figure 5) 25 - 0.52 - Ω Full - 0.68 - Ω rON Matching Between Channels, ΔrON V+ = 4.5V, ICOM = 100mA, VNO or VNC = Voltage at max rON (Note 8) 25 - 10 - m Ω Full - 13.1 - m Ω rON Flatness, RFLAT(ON) V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ -6.5) to V+ (Note 7) 25 - 0.11 - Ω Full - 0.14 - Ω NO or NC OFF Leakage Current, INO(OFF) or INC(OFF) V+ = 5V, VCOM = -1.5V, 5V, VNO or VNC = 5V, -1.5V 25 - -8.13 - nA Full - -0.4 - µA COM ON Leakage Current, ICOM(ON) V + = 5V, V COM = -1.5V, 5V, VNO or VNC = Float 25 - -4.42 - nA Full - -0.33 - µA DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF (see Figure 1) 25 - 35 - ns Full - 50 - ns Turn-OFF Time, tOFF V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF (see Figure 1) 25 - 16 - ns Full - 22 - ns Break-Before-Make Time Delay, tD V+ = 5.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF (see Figure 3) Full - 18 - ns Charge Injection, Q VG = 0V, RG = 0Ω, CL = 1.0nF (see Figure 2) 25 - 170 - pC OFF-Isolation RL = 50Ω, CL = 5pF, f = 100kHz, VNO or VNC =1VRMS (see Figure 4) 25 - 60 - dB Crosstalk (Channel-to-Channel) RL = 50Ω, CL = 5pF, f = 1MHz, VNO or VNC =1VRMS (See Figure 6) 25 - -75 - dB Total Harmonic Distortion f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 32Ω 25 - 0.02 - % -3dB Bandwidth VCOM = 1VRMS, RL = 50Ω, CL = 5pF 25 - 60 - MHz NOx or NCx OFF Capacitance, COFF f = 1MHz (see Figure 7) 25 - 36 - pF COMx ON Capacitance, CCOM(ON) f = 1MHz (see Figure 7) 25 - 88 - pF ISL54065 |
Podobny numer części - ISL54065 |
|
Podobny opis - ISL54065 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |