Zakładka z wyszukiwarką danych komponentów |
|
ISL54063IRUZ-T Arkusz danych(PDF) 7 Page - Intersil Corporation |
|
ISL54063IRUZ-T Arkusz danych(HTML) 7 Page - Intersil Corporation |
7 / 15 page 7 FN6582.1 November 3, 2009 Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 9), Unless Otherwise Specified. PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 10, 11) TYP MAX (Notes 10, 11) UNITS ANALOG SWITCH CHARACTERISTICS ON-Resistance, rON V+ = 1.8V, ICOM = 100mA, VNO or VNC = (V+ -6.5V) to V+ (see Figure 4) 25 - 1.87 - Ω Full - 1.97 - Ω rON Matching Between Channels, ΔrON V+ = 1.8V, ICOM = 100mA, VNO or VNC = Voltage at max rON, (Note 13) 25 - 16 - m Ω Full - 30 - m Ω rON Flatness, RFLAT(ON) V+ = 1.8V, ICOM = 100mA, VNO or VNC = (V+ -6.5V) to V+, (Note 12) 25 - 1.34 - Ω Full - 1.43 - Ω DYNAMIC CHARACTERISTICS Turn-ON Time, tON V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF (see Figure 1) 25 - 145 - ns Full - 150 - ns Turn-OFF Time, tOFF V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF (see Figure 1) 25 - 20 - ns Full - 22 - ns Charge Injection, Q CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2) 25 - 40 - pC -3dB Bandwidth VCOM = 1VRMS, RL = 50Ω, CL = 5pF 25 - 60 - MHz NOx or NCx OFF Capacitance, COFF f = 1MHz (see Figure 6) 25 - 36 - pF COMx ON Capacitance, CCOM(ON) f = 1MHz (see Figure 6) 25 - 88 - pF DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL 25 - - 0.4 V Input Voltage High, VINH 25 1.0 - - V Input Current, IINH, IINL V+ = 2.0V, VIN = 0V or V+ 25 -0.5 - 0.5 µA Input Current, IINH, IINL V+ = 2.0V, VIN = 0V or V+ Full - 0.38 - µA NOTES: 9. VIN = input voltage to perform proper function. 10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not production tested. 12. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal range. 13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON value, between NC1 and NC2 or between NO1 and NO2. 14. Limits established by characterization and are not production tested. ISL54063, ISL54064 |
Podobny numer części - ISL54063IRUZ-T |
|
Podobny opis - ISL54063IRUZ-T |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |