Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54206AEVAL1Z Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL54206AEVAL1Z
Szczegółowy opis  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54206AEVAL1Z Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL54206AEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54206AEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL54206A
4
FN6515.3
October 28, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.0V
Input Voltages
D+, D-, L, R (Note 6). . . . . . . . . . - 2V to ((VDD) + 0.3V)
IN (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . -2V to 5.5V
CTRL (Note 6) . . . . . . . . . . . . . . . -0.3 to ((VDD) + 0.3V)
Output Voltages
COM-, COM+ (Note 6) . . . . . . . . . . -2V to ((VDD) + 0.3V)
Continuous Current (Audio Switches) . . . . . . . . . . ±150mA
Peak Current (Audio Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . ±300mA
Continuous Current (USB Switches) . . . . . . . . . . . . ±40mA
Peak Current (USB Switches)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . ±100mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . >7kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . >400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . .>1.4kV
Latch-up Tested per JEDEC; Class II Level A . . . . . . at 85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld µTQFN (Notes 7, 8) . . . . . . .
145
90
10 Ld TDFN (Notes 9, 10) . . . . . . .
55
16
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. Signals on D+, D-, L, R, COM-, COM+, CTRL, IN exceeding VDD or GND by specified amount are clamped. Limit current to
maximum current ratings.
7. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
8. For θJC, the “case temp” location is taken at the package top center.
9. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
10. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V,
VINL = 0.5V, VCTRLH = 1.4V, VCTRLL = 0.5V, (Note 11), unless
otherwise specified. Boldface limits apply over the operating
temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 15) TYP
MAX
(Notes 12, 15) UNITS
ANALOG SWITCH CHARACTERISTICS
Audio Switches (L, R)
Analog Signal Range,
VANALOG
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V
Full
-1.5
-
1.5
V
ON-Resistance, rON
VDD = 5.0V, IN = 0V, CTRL = VDD, ICOMx = 40mA,
VL or VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.47
-
Ω
ON-Resistance, rON
VDD = 4.2V, IN = 0V, CTRL = VDD, ICOMx = 40mA,
VL or VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.50
-
Ω
ON-Resistance, rON
VDD = 2.85V, IN = 0V, CTRL = VDD, ICOMx =40mA,
VL or VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.87
-
Ω
ON-Resistance, rON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx =40mA,
VL or VR = -0.85V to 0.85V, (See Figure 3)
25
-
2.65
4.0
Ω
Full
-
-
5.5
Ω
RON Matching Between
Channels, ΔrON
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx = 40mA,
VL or VR = Voltage at max rON over signal range of
-0.85V to 0.85V, (Note 14)
25
-
0.02
0.13
Ω
Full
-
-
0.16
Ω
RON Flatness, RFLAT(ON)
VDD = 3.0V, IN = 0.5V, CTRL = 1.4V, ICOMx =40mA,
VL or VR = -0.85V to 0.85V, (Note 13)
25
-
0.03
0.05
Ω
Full
-
-
0.07
Ω


Podobny numer części - ISL54206AEVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54206AEVAL1Z INTERSIL-ISL54206AEVAL1Z Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206AEVAL1Z RENESAS-ISL54206AEVAL1Z Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Podobny opis - ISL54206AEVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54205A INTERSIL-ISL54205A Datasheet
357Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com