Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1781K Arkusz danych(PDF) 4 Page - Rohm

Numer części 2SD1781K
Szczegółowy opis  Medium Power Transistor (32V, 0.8A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD1781K Arkusz danych(HTML) 4 Page - Rohm

  2SD1781K Datasheet HTML 1Page - Rohm 2SD1781K Datasheet HTML 2Page - Rohm 2SD1781K Datasheet HTML 3Page - Rohm 2SD1781K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Podobny numer części - 2SD1781K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD1781K ROHM-2SD1781K Datasheet
93Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
Guangdong Kexin Industr...
2SD1781K KEXIN-2SD1781K Datasheet
37Kb / 1P
   Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1781K SECOS-2SD1781K Datasheet
702Kb / 2P
   NPN Silicon Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD1781K WINNERJOIN-2SD1781K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
logo
Rohm
2SD1781K ROHM-2SD1781K Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
More results

Podobny opis - 2SD1781K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SD1781K ROHM-2SD1781K Datasheet
93Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
Leshan Radio Company
L2SD1781KLT1 LRC-L2SD1781KLT1 Datasheet
94Kb / 4P
   Medium Power Transistor(32V, 0.8A)
logo
Rohm
2SD1781KT146R ROHM-2SD1781KT146R Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
logo
AiT Semiconductor Inc.
2SD1781KR AITSEMI-2SD1781KR Datasheet
484Kb / 7P
   GENERAL PURPOSE TRANSISTORS MEDIUM POWER TRANSISTOR(32V, 0.8A)
REV1.1
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
Rohm
2SB1197KT146Q ROHM-2SB1197KT146Q Datasheet
58Kb / 3P
   Low Frequency Transistor (32V, 0.8A)
2SB1197KT146R ROHM-2SB1197KT146R Datasheet
58Kb / 3P
   Low Frequency Transistor (32V, 0.8A)
2SB1197K ROHM-2SB1197K_08 Datasheet
53Kb / 3P
   Low Frequency Transistor (-32V, -0.8A)
2SB1197K ROHM-2SB1197K Datasheet
93Kb / 3P
   Low Frequency Transistor(-32V, -0.8A)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com