Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA00JC5WT Arkusz danych(PDF) 1 Page - Rohm

Numer części BA00JC5WT
Szczegółowy opis  Secondary Fixed Output LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA00JC5WT Arkusz danych(HTML) 1 Page - Rohm

  BA00JC5WT Datasheet HTML 1Page - Rohm BA00JC5WT Datasheet HTML 2Page - Rohm BA00JC5WT Datasheet HTML 3Page - Rohm BA00JC5WT Datasheet HTML 4Page - Rohm BA00JC5WT Datasheet HTML 5Page - Rohm BA00JC5WT Datasheet HTML 6Page - Rohm BA00JC5WT Datasheet HTML 7Page - Rohm BA00JC5WT Datasheet HTML 8Page - Rohm BA00JC5WT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/10
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Secondary LDO Regulators
Secondary Fixed Output
LDO Regulators
BA□□JC5 Series
Secondary Variable Output
LDO Regulator
BA00JC5WT
Description
The BA□□JC5 are low-saturation regulators with an output current of 1.5 A and a voltage accuracy of
1%. A broad output
voltage range is offered, from 1.5V to 12V, and built-in overcurrent protection and thermal shutdown (TSD) circuits prevent
damage due to short-circuiting and overloading, respectively.
Features
1) Output current: 1.5A (min.)
2) Output voltage accuracy:
1%
3) Broad output voltage range available: 1.5V -12V (BA□□JC5 series)
4) Low saturation-voltage type with PNP output
5) Built-in overcurrent protection circuit
6) Built-in thermal shutdown circuit
7) Integrated shutdown switch (BA□□JC5WT)
8) Operating temperature range: −40℃ to +105℃
Applications
All electronic devices that use microcontrollers and logic circuits
No.11024EBT03


Podobny numer części - BA00JC5WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA00JC5WT ROHM-BA00JC5WT Datasheet
356Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT ROHM-BA00JC5WT Datasheet
430Kb / 16P
   1.5A Variable/Fixed Output LDO Regulators
BA00JC5WT-V5 ROHM-BA00JC5WT-V5 Datasheet
361Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
More results

Podobny opis - BA00JC5WT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_11 Datasheet
341Kb / 11P
   Secondary Dual-Output (Fixed/Variable) LDO Regulators
BA3258HFP ROHM-BA3258HFP_09 Datasheet
357Kb / 9P
   Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3259HFP ROHM-BA3259HFP_09 Datasheet
383Kb / 10P
   Dual-output Secondary Fixed/Variable Output LDO Regulators for Local Power Supplies
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com