Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA6287F Arkusz danych(PDF) 4 Page - Rohm

Numer części BA6287F
Szczegółowy opis  1.0A Reversible Motor Drivers (Single Motor)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA6287F Arkusz danych(HTML) 4 Page - Rohm

  BA6287F Datasheet HTML 1Page - Rohm BA6287F Datasheet HTML 2Page - Rohm BA6287F Datasheet HTML 3Page - Rohm BA6287F Datasheet HTML 4Page - Rohm BA6287F Datasheet HTML 5Page - Rohm BA6287F Datasheet HTML 6Page - Rohm BA6287F Datasheet HTML 7Page - Rohm BA6287F Datasheet HTML 8Page - Rohm BA6287F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Technical Note
4/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
7.0
7.5
8.0
8.5
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
4
6
8
10
12
6
1218243036
Supply Voltage: Vcc [V]
-30°C
25°C
85°C
7.5
8.0
8.5
9.0
0
0.2
0.4
0.6
0.8
1
Output Current: Iout [A]
75°C
25°C
-20°C
15
20
25
30
35
4
8
12
16
20
24
Supply Voltage: Vcc [V]
-40°C
25°C
85°C
20
30
40
50
60
70
4
8
12
16
20
24
Supply Voltage: Vcc [V]
-40°C
25°C
85°C
2
4
6
8
6
1218
24
3036
Supply Voltage: Vcc [V]
-30°C
25°C
85°C
40
45
50
55
60
6
9
12
15
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
40
45
50
55
60
4
8
12
16
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
20
25
30
35
40
6
9
12
15
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
20
25
30
35
40
6
9
12
15
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
10
15
20
25
30
4
8
12
16
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
40
50
60
70
80
6
9
12
15
Supply Voltage: Vcc [V]
-20°C
25°C
75°C
Fig.1 Supply current 1 (forward)
Fig.2 Supply current 2 (brake)
Fig.3 Supply current 1 (forward)
(BA6956AN)
(BA6956AN)
(BA6287F)
Fig.4 Supply current 2 (brake)
Fig.5 Supply current 1 (forward)
Fig.6 Supply current 2 (brake)
(BA6287F)
(BA6285FS)
(BA6285FS)
Fig.7 Supply current 1 (forward)
Fig.8 Supply current 2 (brake)
Fig.9 Supply current 1 (forward)
(BA6285AFP-Y)
(BA6285AFP-Y)
(BA6920FP-Y)
Fig.10 Supply current 2 (brake)
Fig.11 Output high voltage
Fig.12 Output high voltage
(BA6920FP-Y)
(BA6956AN)
(BA6287F)
Electrical characteristic curves (Reference data)


Podobny numer części - BA6287F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6287F ROHM-BA6287F Datasheet
78Kb / 6P
   Reversible motor driver
BA6287F ROHM-BA6287F Datasheet
278Kb / 5P
   Reversible Motor Driver
BA6287F ROHM-BA6287F Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6287F ROHM-BA6287F Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Podobny opis - BA6287F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com