Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA10393F Arkusz danych(PDF) 8 Page - Rohm

Numer części BA10393F
Szczegółowy opis  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA10393F Arkusz danych(HTML) 8 Page - Rohm

Back Button BA10393F_11 Datasheet HTML 4Page - Rohm BA10393F_11 Datasheet HTML 5Page - Rohm BA10393F_11 Datasheet HTML 6Page - Rohm BA10393F_11 Datasheet HTML 7Page - Rohm BA10393F_11 Datasheet HTML 8Page - Rohm BA10393F_11 Datasheet HTML 9Page - Rohm BA10393F_11 Datasheet HTML 10Page - Rohm BA10393F_11 Datasheet HTML 11Page - Rohm BA10393F_11 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Technical Note
8/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data BA10393 family
(*)The data above is ability value of sample, it is not guaranteed. BA10393F:-40[℃]~+85[℃]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 1214 1618 20
OUTPUT SINK CURRENT [mA]
0
100
200
300
400
500
-50-25
0
25
50
75100
AMBIENT TEMPERATURE [℃]
BA10393 family
2V
36V
5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1020
3040
SUPPLY VOLTAGE [V]
85℃
25℃
-40℃
BA10393 family
Fig.35
Input Offset Current - Supply Voltage
0
20
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
BA10393 family
Fig.33
Input Bias Current - Supply Voltage
-40℃
25℃
85℃
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Fig.34
Input Bias Current - Ambient Temperature
2V
5V
36V
BA10393 family
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Fig.32
Input Offset Voltage - Ambient Temperature
2V
5V
36V
BA10393 family
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Fig.26
Supply Current - Ambient Temperature
BA10393 family
2V
36V
5V
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SUPPLY VOLTAGE [V]
Fig.31
Input Offset Voltage - Supply Voltage
-40℃
25℃
85℃
BA10393 family
Fig.29
Low Level Output Voltage
- Output Sink Current
(VCC=5[V])
BA10393 family
-40℃
25℃
85℃
Fig.28
Output Saturation Voltage
- Ambient Temperature
(IOL=4[mA])
0
10
20
30
40
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
36V
5V
2V
BA10393 family
Fig.30
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃] .
BA10393F
BA10393 family
Fig.24
Derating Curve
0
0.2
0.4
0.6
0.8
1
0
1020
3040
SUPPLY VOLTAGE [V]
BA10393 family
25℃
85℃
-40℃
Fig.25
Supply Current - Supply Voltage
0
100
200
300
400
500
010
20
30
40
SUPPLY VOLTAGE [V]
BA10393 family
-40℃
25℃
85℃
Fig.27
Output Saturation Voltage
- Supply Voltage
(IOL=4[mA])
85


Podobny numer części - BA10393F_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
More results

Podobny opis - BA10393F_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com