Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1204GWL Arkusz danych(PDF) 6 Page - Rohm

Numer części BD1204GWL
Szczegółowy opis  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1204GWL Arkusz danych(HTML) 6 Page - Rohm

Back Button BD1204GWL Datasheet HTML 2Page - Rohm BD1204GWL Datasheet HTML 3Page - Rohm BD1204GWL Datasheet HTML 4Page - Rohm BD1204GWL Datasheet HTML 5Page - Rohm BD1204GWL Datasheet HTML 6Page - Rohm BD1204GWL Datasheet HTML 7Page - Rohm BD1204GWL Datasheet HTML 8Page - Rohm BD1204GWL Datasheet HTML 9Page - Rohm BD1204GWL Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Technical Note
6/12
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD1204GWL
TLO
TOFF
TLAT
THI
EN
n
0
0
LED Current Setting
12
n
(N? 16)
Tacc
n-1
T pulse
TOFF
EN
1
0
0
LED Current Setting
T accMAX
EN
16pulse
15pulse
14pulse
TLAT
Tacc
TLAT
TLAT
13pulse
TLAT
0.125mA
0.25mA
0.5mA
1mA
LED Current
OFF
Separate Function Description
(1) LED driver
a) Register access control protocol
LED current is controlled by only EN terminal. It is possible to access the register inside of this chip by using the
protocol below. Accessing the registers with using this protocol operates LED driver ON/OFF and selecting the mode.
Moreover, MAX current can be outputted without Clock input to EN terminal by holding H zone of fixed time after EN
terminal starting.
< When setting current level >
(Notes) TaccMIN < Tpulse < TaccMAX Please input a pulse on this condition
< When starting by MAX setup >
Fig.5 Register access protocol
Fig.6 Slope control example
( Note )
In the case of N > 16, BD1204GWL selects the mode of N = 16.
LED current is changed by the pulse of EN pin.
Be careful to noise of EN signal.
Reset BD1204GWL when the set is unusual. (Keep EN=L over Toff time.)


Podobny numer części - BD1204GWL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Rohm
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results

Podobny opis - BD1204GWL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com