Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1604MUV Arkusz danych(PDF) 6 Page - Rohm

Numer części BD1604MUV
Szczegółowy opis  Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1604MUV Arkusz danych(HTML) 6 Page - Rohm

Back Button BD1604MUV_11 Datasheet HTML 2Page - Rohm BD1604MUV_11 Datasheet HTML 3Page - Rohm BD1604MUV_11 Datasheet HTML 4Page - Rohm BD1604MUV_11 Datasheet HTML 5Page - Rohm BD1604MUV_11 Datasheet HTML 6Page - Rohm BD1604MUV_11 Datasheet HTML 7Page - Rohm BD1604MUV_11 Datasheet HTML 8Page - Rohm BD1604MUV_11 Datasheet HTML 9Page - Rohm BD1604MUV_11 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Technical Note
6/10
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD1604MUV, BD1604MVV
Description of Block Operations
1) LED light control and current control
When LED lights are controlled, H- or L-level voltage is applied to respective control pins.
Current control in the BD1604MUV/MVV can take place via a resistance connected to the ISET pin.
ON/OFF control
SEL2
SEL1
SEL0
LED1
LED2
LED3
LED4
0
0
0
OFF
OFF
OFF
ON
0
0
1
OFF
OFF
ON
OFF
0
1
0
OFF
ON
OFF
OFF
0
1
1
ON
OFF
OFF
OFF
1
0
0
OFF
OFF
ON
ON
1
0
1
OFF
ON
ON
ON
1
1
0
ON
ON
ON
ON
1
1
1
OFF
OFF
OFF
OFF
Rset: See the following table. 0: 0V, 1: VBAT
When handling pins, the LED pins must be connected to VBAT so long as LED is always OFF.
Current control
Rset
165kΩ
97.6kΩ
48.7kΩ
32.4kΩ
24.3kΩ
16.2kΩ
ILED
3mA
5mA
10mA
15mA
20mA
30mA
The LED current can be changed by the Rset value.
ILED=480/Rset
The above expression can be used for approximation.
2) Low supply voltage detection circuit (UVLO)
When the IC-applied supply voltage drops, all the circuits including the DC/DC converter are stopped. When supply voltage
drops to a detecting voltage, UVLO is activated. When it rises, UVLO is automatically released.
3) Soft start by DC/DC converter startup
When a DC/DC converter is started, soft start is enabled so that output voltage can be increased gradually to prevent output
voltage overshooting.
Application Parts Selection Method
Capacitor (Use the ceramics parts with good frequency and temperature characteristics.)
Symbol
Recommended value
Recommended part
Type
Cout,Cin,C1,C2
1μF
GRM188B11A105KA61B(MURATA)
Ceramics capacitor
Resistance
Symbol
Recommended value
Recommended part
Set Current Value
Rset
16kΩ
MCR006YZPF Series (ROHM)
30mA
240kΩ
2mA
Connect an input bypass capacitor (CIN) between VBAT and GND pin in proximity. In addition, connect an output capacitor
between VOUT and GND pins in proximity. Connect a capacitor between C1P and C1N and also a capacitor between C2P
and C2N in proximity to the chips. Connect a resistance in proximity to the ISET pin.
When other than these parts are used, the equivalent parts must be used.


Podobny numer części - BD1604MUV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
   4-Parallel white-LED Driver for mobile phone
More results

Podobny opis - BD1604MUV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com