Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1606MVV Arkusz danych(PDF) 2 Page - Rohm

Numer części BD1606MVV
Szczegółowy opis  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1606MVV Arkusz danych(HTML) 2 Page - Rohm

  BD1606MVV_11 Datasheet HTML 1Page - Rohm BD1606MVV_11 Datasheet HTML 2Page - Rohm BD1606MVV_11 Datasheet HTML 3Page - Rohm BD1606MVV_11 Datasheet HTML 4Page - Rohm BD1606MVV_11 Datasheet HTML 5Page - Rohm BD1606MVV_11 Datasheet HTML 6Page - Rohm BD1606MVV_11 Datasheet HTML 7Page - Rohm BD1606MVV_11 Datasheet HTML 8Page - Rohm BD1606MVV_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Note
2/11
www.rohm.com
2011.04 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD1606MVV
Electrical Characteristics (Unless otherwise stated, Ta is 25℃ and Vin is 3.6V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input voltage range
Vin
2.7
3.6
5.5
V
Vin pin
Quiescent current
Iq
-
0
7
μA
EN=0V, V
in=3.6V
Circuit current 1
IDD1
-
1.0
2.6
mA
×1 mode, Iout=0mA, Vin =3,6V
[Charge pump]
Output current
IOUT
-
-
120
mA
VOUT =4.0V, Vin=3.6V
Oscillation frequency
fOSC
0.8
1.0
1.2
MHz
Add=0x03, D6=’0’
[LED driver]
LED current absolute precision
ILED-ERR
-
-
±6.5
%
ILED =16.5mA(LEDxCNT=0x20),
LED pin voltage 1.0 V
LED current relative precision
ILED-to-LED
-
0.5
±3.75*
1)
%
ILED =16.5mA(LEDxCNT=0x20) ,
LED pin voltage 1.0V
LED control voltage
VLED
-
0.2
0.25
V
ILEDA*/B*/C*
[Logic interface]
Input ‘L’ voltage
VIL
-
-
0.4
V
EN, SCL, SDA
Input ‘H’ voltage
VIH
1.6
-
-
V
EN, SCL, SDA
Input ‘H’ current
IIH
-
-
10
μA
EN, SCL, SDA=Vin
Input ‘L’ current
IIL
-10
-
-
μA
EN, SCL, SDA=GND
‘L’ level SDA output
VOL
-
-
0.4
V
SDA, 3mA source
-
-
0.6
V
SDA, 6mA source
[I
2C BUS interface (standard mode)]
SCL clock frequency
fSCLC
0
-
100
kHz
SCL Low duration
tLOW
4.7
-
-
μs
SCL High duration
tHIGH
4.0
-
-
μs
Data hold time
tHD;DAT
0
-
3.45
μs
Data setup time
tSU;DAT
250
-
-
ns
Setup time – restart condition
tSU;STA
4.7
-
-
μs
Hold time – restart condition
tHD;STA
4.0
-
-
μs
Setup time – stop condition
tSU;STO
4.0
-
-
μs
Bus free tine between start and stop
tBUF
4.7
-
-
μs
[I
2C BUS interface (fast mode)]
SCL clock frequency
fSCL
0
-
400
kHz
SCL Low duration
tLOW
1.3
-
-
μs
SCL High duration
tHIGH
0.6
-
-
μs
Data hold time
tHD;DAT
0
-
0.9
μs
Data setup time
tSU;DAT
100
-
-
ns
Setup time – restart condition
tSU;STA
0.6
-
-
μs
Hold time – restart condition
tHD;STA
0.6
-
-
μs
Setup time – stop condition
tSU;STO
0.6
-
-
μs
Bus free time between start and stop
tBUF
1.3
-
-
μs
Interface startup time
TEN
-
-
350
μs
Bus startup time (after En=‘H’)
*1)
The following expression is used for calculation:
ILED-match={(Imax-Imin)/(Imax+Imin)} × 100
Imax= Current value in a channel with the maximum current value among all channels
Imin=Current value in a channel with the minimum current value among all channels


Podobny numer części - BD1606MVV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
   6-Parallel white-LED Driver for mobile phone
More results

Podobny opis - BD1606MVV_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com