Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD1604MVV Arkusz danych(PDF) 7 Page - Rohm

Numer części BD1604MVV
Szczegółowy opis  Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD1604MVV Arkusz danych(HTML) 7 Page - Rohm

Back Button BD1604MVV Datasheet HTML 3Page - Rohm BD1604MVV Datasheet HTML 4Page - Rohm BD1604MVV Datasheet HTML 5Page - Rohm BD1604MVV Datasheet HTML 6Page - Rohm BD1604MVV Datasheet HTML 7Page - Rohm BD1604MVV Datasheet HTML 8Page - Rohm BD1604MVV Datasheet HTML 9Page - Rohm BD1604MVV Datasheet HTML 10Page - Rohm BD1604MVV Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Note
7/10
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD1604MUV, BD1604MVV
GND
ISET
LED1
LED2
LED3
LED4
EN
SEL0
SEL1
SEL2
Battery
VBAT
VOUT
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Control
Vout Control
Charge Pum p
Mode C ontrol
ISET
Resistor Driver
Current Driver
C1
C2
Cin
Rset
Cout
PWM signal input (ON
for the signal set to High)
Cautions on layout pattern
When designing a layout pattern, lay out wires to a power line in a way that the layout pattern impedance can be minimized
and connect a bypass capacitor if necessary.
The GND pin and
Cin must be
placed nearby.
Wiring from the VBAT pin
to Cin must meet a low
impedance.
LED
LED
LED
LED
VBAT
GND
1μF
1μF
1μF
1μF
RSET
VOUT
GND
Fig.15 Example of BD1604MUV Layout Pattern
Fig.16 Example of BD1604MUV Layout Pattern
(Front, Top View)
(Rear, Top View)
LED Current Control
There are two methods for LED current control. One method uses an external PWM signal and another changes the
resistance value of RREF (RSET) connected to the IREF (ISET) pin. For details, refer to the respective circuit examples.
Don’t make the setting of 30mA or more per channel for BD1604MUV/MVV.
1) Controlling the current by using the PWM method
The PWN signal must be input to the EN pin.
PWM signal “H” level: 1.4V or more
PWM signal “L” level: 0.4V or less
When PWM Duty is used in an area of 10% or less, the PWM cycle must be a range from 100Hz to 200Hz. When extremely
high-speed PWM control takes place, the linearity of LED current value to PWM duty is lost if the PWM duty is small (for
example, 10% or less) or it is large (for example, 90% or more).
2) Controlling the current by changing the SET resistance value
Rset-Rset1=Rset2// … //Restn.
This means that the current can be adjusted more finely by adding the types of resistance values.
ILED=480/Rset [A]
The approximate LED current can be obtained from the above expression. Because the current of 30mA or more per LED is not
permitted, make the setting in a way that the Rset resistance value can be maintained to be greater than or equal to16kΩ.
GND
ISET
LED1
LED2
LED3
LED4
EN
SEL0
SEL1
SEL2
Battery
VBAT
VOUT
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Control
Vout Control
Charge Pum p
Mode C ontrol
ISET
Resistor Driver
Current Driver
C1
C2
Cin
Rset1
Cout
Rset2
Rsetn
Fig.17 Controlling the Current
by Using the PWM Method
Fig.18 Controlling the Current
by Changing the Resistance Value


Podobny numer części - BD1604MVV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
   4-Parallel white-LED Driver for mobile phone
More results

Podobny opis - BD1604MVV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6081GU ROHM-BD6081GU_11 Datasheet
616Kb / 36P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com